Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1640L Datasheet(PDF) 8 Page - Linear Technology

Part # LT1640L
Description  Negative Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640L Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1640L Datasheet HTML 4Page - Linear Technology LT1640L Datasheet HTML 5Page - Linear Technology LT1640L Datasheet HTML 6Page - Linear Technology LT1640L Datasheet HTML 7Page - Linear Technology LT1640L Datasheet HTML 8Page - Linear Technology LT1640L Datasheet HTML 9Page - Linear Technology LT1640L Datasheet HTML 10Page - Linear Technology LT1640L Datasheet HTML 11Page - Linear Technology LT1640L Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1640L/LT1640H
1640lhfb
APPLICATIONS INFORMATION
Capacitor C1 and resistor R3 prevent Q1 from momen-
tarily turning on when the power pins first make contact.
Without C1 and R3, capacitor C2 would pull the gate of Q1
up to a voltage roughly equal to VEE • C2/CGS(Q1) before
the LT1640 could power up and actively pull the gate low.
By placing capacitor C1 in parallel with the gate capaci-
tance of Q1 and isolating them from C2 using resistor R3
the problem is solved. The value of C1 should be:
VV
V
CC
INMAX
TH
TH
GD
−


•+
()
2
where VTH is the MOSFET’s minimum gate threshold and
VINMAX is the maximum operating input voltage.
R3’s value is not critical and is given by (VINMAX + ∆VGATE)/
5mA.
The waveforms are shown in Figure 6b. When the power
pins make contact, they bounce several times. While the
contacts are bouncing, the LT1640 senses an undervoltage
condition and the GATE is immediately pulled low when
the power pins are disconnected.
Once the power pins stop bouncing, the GATE pin starts to
ramp up. When Q1 turns on, the GATE voltage is held
constant by the feedback network of R3 and C2. When the
DRAIN voltage has finished ramping, the GATE pin then
ramps to its final value.
Figure 6b. Inrush Control Waveforms
1640 F06b
INRUSH
CURRENT
1A/DIV
GATE – VEE
10V/DIV
DRAIN
50V/DIV
VEE
50V/DIV
5ms/DIV
CONTACT
BOUNCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com