Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1640L Datasheet(PDF) 11 Page - Linear Technology

Part # LT1640L
Description  Negative Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640L Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1640L Datasheet HTML 7Page - Linear Technology LT1640L Datasheet HTML 8Page - Linear Technology LT1640L Datasheet HTML 9Page - Linear Technology LT1640L Datasheet HTML 10Page - Linear Technology LT1640L Datasheet HTML 11Page - Linear Technology LT1640L Datasheet HTML 12Page - Linear Technology LT1640L Datasheet HTML 13Page - Linear Technology LT1640L Datasheet HTML 14Page - Linear Technology LT1640L Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1640L/LT1640H
1640lhfb
APPLICATIONS INFORMATION
Undervoltage and Overvoltage Detection
The UV (Pin 3) and OV (Pin 2) pins can be used to detect
undervoltage and overvoltage conditions at the power
supply input. The UV and OV pins are internally connected
to analog comparators with 20mV of hysteresis. When the
UV pin falls below its threshold or the OV pin rises above
its threshold, the GATE pin is immediately pulled low. The
GATE pin will be held low until UV is high and OV is low.
The undervoltage and overvoltage trip voltages can be
programmed using a three resistor divider as shown in
Figure 10a. With R4 = 562k, R5 = 9.09k and R6 = 10K, the
undervoltage threshold is set to 37V and the overvoltage
threshold is set to 71V. The resistor divider will also gain
up the 20mV hysteresis at the UV pin and OV pin to 0.6V
and 1.2V at the input respectively.
More hysteresis can be added to the UV threshold by
connecting resistor R3 between the UV pin and the GATE
pin as shown in Figure 10b.
Figure 10a. Undervoltage and Overvoltage Sensing
VEE
VDD
LT1640L
LT1640H
R4
R5
R6
4
1640 F10a
OV
GND
GND
3
2
– 48V
UV
8
VUV = 1.223
R4 + R5+ R6
R5 + R6
()
VOV = 1.223
R4 + R5+ R6
R6
()
(SHORT PIN)
VEE
VDD
LT1640L /LT1640H
SENSE
C1
150nF
25V
Q1
IRF530
R6
10
Ω
5%
R1
562k
1%
R3
1.62M
1%
R2
16.9k
1%
R4
506k
1%
R5
8.87k
1%
R1
0.02
Ω
5%
4
2
3
UV
= 37.6V
UV
= 43V
GND
GND
– 48V
UV
OV
56
8
GATE
1640 F10b
OV
= 71V
(SHORT PIN)
*
* DIODES INC. SMAT70A
4
3
2
1
Figure 10b. Programmable Hysteresis for Undervoltage Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com