Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1640L Datasheet(PDF) 16 Page - Linear Technology

Part # LT1640L
Description  Negative Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640L Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1640L Datasheet HTML 8Page - Linear Technology LT1640L Datasheet HTML 9Page - Linear Technology LT1640L Datasheet HTML 10Page - Linear Technology LT1640L Datasheet HTML 11Page - Linear Technology LT1640L Datasheet HTML 12Page - Linear Technology LT1640L Datasheet HTML 13Page - Linear Technology LT1640L Datasheet HTML 14Page - Linear Technology LT1640L Datasheet HTML 15Page - Linear Technology LT1640L Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1640L/LT1640H
1640lhfb
©LINEAR TECHNOLOGY CORPORATION 1998
LT/TP 1101 1.5K REV B • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
TYPICAL APPLICATION
Using an EMI Filter Module
Many applications place an EMI filter module in the power
path to prevent switching noise of the module from being
injected back onto the power supply. A typical application
using the Lucent FLTR100V10 filter module is shown in
Figure 14. When using a filter, an optoisolator is required
to prevent common mode transients from destroying the
PWRGD and ON/OFF pins.
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1421
Dual Channel, Hot Swap Controller
Operates from 3V to 12V
LTC1422
High Side Drive, Hot Swap Controller in SO-8
System Reset Output with Programmable Delay
LT1640A
–48V Hot Swap Controller in SO-8
LT1640 Pin Compatible, Improved Drain Pin Ruggedness
LT1641
48V Hot Swap Controller
Foldback Analog Current Limit
LTC1642
Fault Protected Hot Swap Controller
Operates Up to 16.5V, Protected to 33V
LTC1643
PCI Hot Swap Controller
3.3V, 5V, 12V, – 12V Supplies for PCI Bus
LTC1645
Dual Hot Swap Controller
Operates from 1.2V to 12V, Power Sequencing
LTC1646
CompactPCI
TM Hot Swap Controller
3.3V, 5V Supplies, 1V Precharge, Local PCI Reset Logic
LTC1647
Dual Hot Swap Controller
Dual ON Pins for Supplies from 3V to 15V
LTC4211
Low Voltage Hot Swap Controller
2.5V to 16.5V, Dual Level Circuit Breaker, Active Inrush Limiting
LT4250
–48V Hot Swap Controller in SO-8
LT1640 Pin Compatible, Active Current Limiting
LTC4251
–48V Hot Swap Controller in SOT-23
Active Current Limiting, Fast Circuit Breaker for Short-Circuit Faults
CompactPCI is a trademark of the PCI Industrial Computer Manufacturers Group
RELATED PARTS
+
VEE
VDD
LT1640L
PWRGD
SENSE
C1
150nF
25V
C2
3.3nF
100V
C3
0.1
µF
100V
C4
0.1
µF
100V
C6
0.1
µF
100V
C5
100
µF
100V
C7
100
µF
16V
Q1
IRF530
R2
10
Ω
5%
R3
18k
5%
R7
51k
5%
R4
562k
1%
R5
9.09k
1%
R6
10k
1%
R1
0.02
Ω
5%
4
OV
GND
(SHORT PIN)
GND
3
2
– 48V
UV
5
6
8
7
1
GATE
DRAIN
LUCENT
JW050A1-E
VOUT
+
SENSE +
TRIM
SENSE –
VOUT
–
VIN
+
9
5V
1640 F14
8
7
6
5
3
1
2
4
ON/OFF
CASE
VIN
–
VOUT
+
VOUT
–
VIN
+
CASE
VIN
–
+
LUCENT
FLTR100V10
*
1N4148
1N4003
MOC207
* DIODES INC. SMAT70A
4
3
2
1
Figure 14. Typical Application Using a Filter Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com