Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN302 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN302
Description  The purpose of this note is to familiarize
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN302 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN302 Datasheet HTML 2Page - STMicroelectronics AN302 Datasheet HTML 3Page - STMicroelectronics AN302 Datasheet HTML 4Page - STMicroelectronics AN302 Datasheet HTML 5Page - STMicroelectronics AN302 Datasheet HTML 6Page - STMicroelectronics AN302 Datasheet HTML 7Page - STMicroelectronics AN302 Datasheet HTML 8Page - STMicroelectronics AN302 Datasheet HTML 9Page - STMicroelectronics AN302 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN302
Holding current - the details
7/10
Figure 7.
Relative variation of IH, with the junction temperature, Tj
2.2.3
Effect of reapplied voltage
The rise time and the level of the reapplied reverse voltage across the TRIAC after blocking
have no effect on the value of its holding current, IH.
2.2.4
Influence of the external gate cathode resistor
Figure 8.
Variation of IH, of a sensitive thyristor with RGK
Some applications require a resistor, RGK, to be connected between the gate and the
cathode of the component, either to improve its behavior under voltage at high junction
temperatures (by-pass for leakage current) in the case of sensitive thyristors or because it
forms part of the firing circuit. The value of this resistor, as well as the sensitivity of the
component, affects the holding current as shown in Figure 8.
Sensitive thyristors (IGT < 200 µA)
For sensitive thyristors RGK has a large influence on the holding current as shown by
Figure 9. Thus, in certain applications, the designer may want to use a high-impedance
control circuit.
Standard thyristors, sensitive and standard TRIACs
Here, RGK has no significant effect on the holding current provided that it is not too low, that
is, RGK should be greater than 20 Ω.
Note: The hypostatic current for sensitive thyristors is always specified for R
GK = 1000ohms.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com