Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN302 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN302
Description  The purpose of this note is to familiarize
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN302 Datasheet(HTML) 5 Page - STMicroelectronics

  AN302 Datasheet HTML 1Page - STMicroelectronics AN302 Datasheet HTML 2Page - STMicroelectronics AN302 Datasheet HTML 3Page - STMicroelectronics AN302 Datasheet HTML 4Page - STMicroelectronics AN302 Datasheet HTML 5Page - STMicroelectronics AN302 Datasheet HTML 6Page - STMicroelectronics AN302 Datasheet HTML 7Page - STMicroelectronics AN302 Datasheet HTML 8Page - STMicroelectronics AN302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN302
Holding current - the details
5/10
2
Holding current - the details
The three examples in the previous chapter illustrate the importance of the holding current
parameter and the different problems it can cause if it is not taken into account at an early
stage in the design cycle.
If the device is to remain in the conducting state, it is imperative that the circuit in which it is
used ensures an operating current sufficiently high.
In our data sheets, for all types of TRIACs, the holding current, IH, is specified as a
maximum value. Then, corrections must be made to compensate for temperature variations.
2.1
Measuring the holding current
In Figure 6 push button R is used to fire the TRIAC. The value of the conducting current IT is
set to be much higher than the latching current IL. Increasing the resistance R causes the
current IT to decrease. The value of the holding current IH is the value of IT just before the
TRIAC is blocked.
The holding current is always measured with the gate unconnected, that is disconnected
from the trigger circuit and without bias. However, sensitive SCRs, that is, those with a gate
trigger current IGT of 200 µA or less, are measured with a 1 kΩ resistor connected between
gate and cathode.
For repeatable results, the TRIAC should be suitably turned on. The following guidelines
must be applied.
●
The initial value of current IT must be more than five times the latching current IL before
the test can begin.
●
If the holding current is measured by pulses (by an automatic tester, for example), the
TRIAC should be conducting for at least 500 µs before starting the test.
Figure 6.
Circuit for measurement of the holding current IH
Example:
BTA/BTB12-600C: IL (QI - QIII and QIV) = 40 mA,
so choose IT = 500 mA, IH maximum = 25 mA
For a TRIAC, IH has two values; IH+, when electrode A2 is positive with respect to electrode
A1, and IH-, when electrode A2 is negative with respect to electrode A1. In the
documentation only one maximum value is given for both quadrants. This value is always
the higher value.
±IT
R
A2
A
G
A1
RR
≥ 33 ohms
V = ± 12V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com