Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN302 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN302
Description  The purpose of this note is to familiarize
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN302 Datasheet(HTML) 4 Page - STMicroelectronics

  AN302 Datasheet HTML 1Page - STMicroelectronics AN302 Datasheet HTML 2Page - STMicroelectronics AN302 Datasheet HTML 3Page - STMicroelectronics AN302 Datasheet HTML 4Page - STMicroelectronics AN302 Datasheet HTML 5Page - STMicroelectronics AN302 Datasheet HTML 6Page - STMicroelectronics AN302 Datasheet HTML 7Page - STMicroelectronics AN302 Datasheet HTML 8Page - STMicroelectronics AN302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Application examples
AN302
4/10
1.3
Example 3: motor control (2)
This time, the designer selects a TRIAC with a lower maximum specified holding current, IH.
The small high-impedance motor (Figure 4) seems to operate without problems. However,
the motor is intended for mounting on out-door equipment. It is installed in summer and
works well. But in winter, the fault described above occurs.
What has happened?
The designer studied the operation of his circuit at an ambient temperature of 25 °C. But the
holding current varies inversely with the temperature. Thus, as the temperature decreases,
the holding current increases and the phenomenon described in example 2 occurs.
Again, it is essential to take into account the temperature effects on the device parameters
for circuits which have to operate at extremes of temperature. It is not sufficient to use the
values given for an ambient temperature of 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com