Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN308 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN308
Description  TRIAC analog control circuits for inductive loads
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN308 Datasheet HTML 5Page - STMicroelectronics AN308 Datasheet HTML 6Page - STMicroelectronics AN308 Datasheet HTML 7Page - STMicroelectronics AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics AN308 Datasheet HTML 10Page - STMicroelectronics AN308 Datasheet HTML 11Page - STMicroelectronics AN308 Datasheet HTML 12Page - STMicroelectronics AN308 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN308
Application examples
9/16
2.2
Synchronization by the mains voltage
The schematic in Figure 10 shows a step-down circuit used to approximately divide by two
the rms voltage between the line input and the inductive load (L1). C2 and R3 provide a
turn-on delay of approximately 7 ms.
The diode bridge, with diodes D1 and D2 and R2 resistor are used to discharge C2 at each
line zero voltage. This resets the voltage charge at each new half line cycle, and keeps the
same turn-on delay.
The Transil reduces the power dissipation through R3.
Figure 10.
220/110 V step-down circuit
L1
1
2
DB1
AC Mains
BTA06 -600B
DB3
C1
100n
R1
100
200K
R3
15K/4W
R5
12K 2W
R2
1N4004
D1
1N4004
D2
1.5KE68A1
L1
1
2
DB1
AC Mains
BTA06 -600B
DB3
C1
C2
47 n
100n
R1
100
200K
R3
15K/4W
R5
12K 2W
R2
1N4004
D1
1N4004
D2
1.5KE68A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com