Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN308 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN308
Description  TRIAC analog control circuits for inductive loads
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics AN308 Datasheet HTML 10Page - STMicroelectronics AN308 Datasheet HTML 11Page - STMicroelectronics AN308 Datasheet HTML 12Page - STMicroelectronics AN308 Datasheet HTML 13Page - STMicroelectronics AN308 Datasheet HTML 14Page - STMicroelectronics AN308 Datasheet HTML 15Page - STMicroelectronics AN308 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Solutions summary for inductive load control
AN308
12/16
A.1
Triggering synchronized across the TRIAC
See Figure 12 part A for the schematic diagram.
A.1.1
Resistive load
Current and voltage are in phase, good synchronization. No fault over the whole adjustment
range.
A.1.2
Inductive load
The current lags by
π / 2. Two cases should be considered:
●
Broad conducting angle; narrow lag angle.
The time separating two conducting periods is very brief. The positive and negative
currents are very similar. Certain applications are covered by this case (for instance
speed-control circuit for ac motors).
●
Narrow conducting angle; broad lag angle.
The flow of current in one direction is a function of the control and thus of the duration
of the current flow in the previous polarity.
The TRIAC can be triggered at the end of the mains half-cycle. In this case no current
flows through the circuit and it acts as a rectifier.
A.1.3
Circuit characteristics
Advantages of the circuit are as follows:
●
Connection by two wires without polarity
●
Low power dissipated by the passive components
●
Excellent power variation circuit for resitive or slightly inductive loads
●
With highly inductive loads, the circuit can only operate satisfactorily within the limits of
a slight decrease in the conduction angle.
Disadvantages of the circuit are as follows
●
For inductive loads, there is a large current dissymmetry for a variation towards the
narrowest conduction angles. For this type of application the circuit cannot be used at
all.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com