Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN308 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN308
Description  TRIAC analog control circuits for inductive loads
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics AN308 Datasheet HTML 10Page - STMicroelectronics AN308 Datasheet HTML 11Page - STMicroelectronics AN308 Datasheet HTML 12Page - STMicroelectronics AN308 Datasheet HTML 13Page - STMicroelectronics AN308 Datasheet HTML 14Page - STMicroelectronics AN308 Datasheet HTML 15Page - STMicroelectronics AN308 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN308
Solutions summary for inductive load control
13/16
A.2
Triggering synchronized by the mains voltage
See Figure 12 part B for the schematic diagram.
A.2.1
Resistive load
No fault over the whole adjustment range.
A.2.2
Inductive load
The following two cases should be considered:
●
Turn-on delay angle
θ > load lag, ϕ (in full-cycle control)
Correct synchronization of the triggering pulses enables balanced conduction for all
variations up to the load lag angle. Some applications use this principle (for example,
200 V – 100 V rms step-down circuit).
●
Turn-on delay angle
θ < ϕ.
Triggering occurs before the lag angle is reached. The TRIAC will conduct for an angle
α > 180°. It is blocked after the gate pulse of the following half-cycle. The current does
not flow for next bias cycle. The circuit thus acts as a rectifier.
A.2.3
Circuit characteristics
Advantages of the circuit:
●
Accuracy of the triggering pulses.
●
Current operation with a resistive load (but circuit complex, previous circuit preferred)
●
Excellent operation for power variation circuits limiting conduction to small angles with
inductive loads.
Disadvantages of the circuit:
●
Connection by 3 wires - it is necessary to have access to the mains terminals.
●
Power is dissipated permantly by the passive components.
●
Impossible to adjust the delay angle to values close to or lower than the load phase
shift. This circuit cannot be used for inductive loads where a variation close to the
highest conduction angle is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com