Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN439 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN439
Description  The use of TRIACs is limited by their switching behavior
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN439 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN439 Datasheet HTML 5Page - STMicroelectronics AN439 Datasheet HTML 6Page - STMicroelectronics AN439 Datasheet HTML 7Page - STMicroelectronics AN439 Datasheet HTML 8Page - STMicroelectronics AN439 Datasheet HTML 9Page - STMicroelectronics AN439 Datasheet HTML 10Page - STMicroelectronics AN439 Datasheet HTML 11Page - STMicroelectronics AN439 Datasheet HTML 12Page - STMicroelectronics AN439 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN439
Logic level and Snubberless TRIACs
9/16
Logic level TRIACs use the breakthrough of the Snubberless technology to improve the
trade-off between sensitivity and commutation. Nevertheless, a snubber can still be
necessary with these TRIACs.
2.2
Performances and specifications
2.2.1
Logic level TRIACs
In this category, sensitive TRIACs are defined by a maximum gate current (IGT) of 5 mA for
the TW type and 10 mA for the SW one.
In the datasheets of logic level TRIACs, a minimum (dI/dt)c is specified for the following
cases:
Resistive load with a (dV/dt)c of 0.1 V/µs.
Inductive load with a (dV/dt)c of 10 V/µs.
For example, a 6 A logic level TRIAC is specified as follows:
2.2.2
Snubberless TRIACs
This series covers the range of 6 to 25 A with gate currents of 35 mA (CW type) and 50 mA
(BW type). This series has been specially designed so that the TRIACs turn-off without
external snubber circuit.
For a same size and gate sensitivity, the (dI/dt)c improvement is at least equal to 2 between
Snubberless and standard TRIACs (see Figure 10).
Table 1.
(dI/dt)c and (dV/dt)c specifications for a 6 A logic level TRIAC
Symbol
Test Conditions
Quadrant
BTA06 / BTB06
Unit
TW
SW
IGT
(1)
1.
Minimum IGT is guaranted at 5% of IGT max
VD = 12 V RL = 30 Ω
I - II - III
MAX.
5
10
mA
VGT
I - II - III
MAX.
1.3
V
(dI/dt)c (2)
2.
For both polarities of A2 referenced to A1
(dV/dt)c = 0.1 V/µs
Tj = 125 °C
MIN.
2.7
3.5
A/ms
(dV/dt)c = 10 V/µs
Tj = 125 °C
1.2
2.4
Without snubber
Tj = 125 °C
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com