Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN439 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN439
Description  The use of TRIACs is limited by their switching behavior
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN439 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN439 Datasheet HTML 8Page - STMicroelectronics AN439 Datasheet HTML 9Page - STMicroelectronics AN439 Datasheet HTML 10Page - STMicroelectronics AN439 Datasheet HTML 11Page - STMicroelectronics AN439 Datasheet HTML 12Page - STMicroelectronics AN439 Datasheet HTML 13Page - STMicroelectronics AN439 Datasheet HTML 14Page - STMicroelectronics AN439 Datasheet HTML 15Page - STMicroelectronics AN439 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Logic level and Snubberless TRIACs
AN439
14/16
Figure 14.
TRIAC turn-off behavior for universal motors
●
Circuits which generate waveforms with a very high dI/dtOFF, such as inductive load
controlled by a diode bridge (see Figure 15). The current variation at turn-off is then
only limited by the parasitic inductance of the line and the diodes bridge circuit.
Figure 15.
Inductive load controlled by a diode bridge
Table 3.
TRIAC choice for universal motor control
Power
Mains voltage
and frequency
Load
current
IT(RMS)
dI/dtOFF
Max. (1)
1.
Maximum dI/dtOFF. This parameter depends on the type of motor and can be higher during start-up.
Standard
TRIAC
Snubberless
TRIAC
600 W
220 V / 50 Hz
3 A rms
6 A
3.5 A/ms
BTx10-600B
BTx06-600BW
110 V / 60 Hz
6 A rms
10 A
7 A/ms
BTx16-600B
(2)
BTx08-600BW
1200 W
220 V / 50 Hz
6 A rms
10 A
7 A/ms
BTx16-600B
(2)
2.
This type specified at 7 A/ms minimum can be too small. Certain applications could need 25 A standard
TRIAC.
BTx08-600BW
110 V / 60 Hz
12 A rms
16 A
15 A/ms
BTx40-600B
/ BTx41-600B
BTx24-600CW
Average slope
of the TRIAC
current
I
T
V
T
dI/dt
OFF ~ 3 x ? x IPEAK
Average slope
of the TRIAC
current
I
T
V
T
dI/dt
OFF ~ 3 x ω xIPEAK
V
Mains
-
+
Inductive load
(motor, valve …)
L
R
V
Mains
-
+
Inductive load
(motor, valve …)
L
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com