Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN439 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN439
Description  The use of TRIACs is limited by their switching behavior
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN439 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN439 Datasheet HTML 8Page - STMicroelectronics AN439 Datasheet HTML 9Page - STMicroelectronics AN439 Datasheet HTML 10Page - STMicroelectronics AN439 Datasheet HTML 11Page - STMicroelectronics AN439 Datasheet HTML 12Page - STMicroelectronics AN439 Datasheet HTML 13Page - STMicroelectronics AN439 Datasheet HTML 14Page - STMicroelectronics AN439 Datasheet HTML 15Page - STMicroelectronics AN439 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Logic level and Snubberless TRIACs
AN439
12/16
2.3
Typical applications
2.3.1
Logic level TRIACs
These TRIACs can be directly controlled by logic circuits and microcontrollers like the ST6
or ST7 series. Outputs of ST6/ST7 can sink currents up to 20 mA per I/O line, and therefore
drive TW and SW.
These TRIACs are ideal interface for power components supplied by 110 V or 220 V, such
as valves, heating resistances, and small motors.
The specification of the critical (dI/dt)c on both resistive and inductive loads offers:
●
Knowledge of the security margin of the circuit in relation to the risk of the spurious
triggering
●
Optimization of the performance of the TRIAC used, which results in a cost reduction
Figure 11.
Light dimmer circuit with ST6/ST7 (SW TRIACs type is recommended)
2.3.2
Snubberless TRIACs
The commutation of Snubberless TRIACs is specified without a (dV/dt)c limitation. The
external snubber circuit can be suppressed for TRIAC turn-off and leads to a noticeable cost
reduction. Nevertheless, a snubber circuit is sometimes used to eliminate spurious
triggering due to fast line transients (see Figure 13).
Thanks to their significant improvement in the trade-off between gate sensitivity (IGT) and
critical (dI/dt)c value and also static dV/dt, Snubberless TRIACs are used in circuits which
need high safety margin, such as:
●
Static relays in which the load is not well defined. With standard TRIACs, it is difficult to
adapt the snubber to all possible cases. Snubberless TRIACs resolve this problem (see
Figure 12).
5.6V zener
diode
SW TRIACs
type
VDD
1
RESET
PB0
15
PB1
14
4
3
OSCIN
OSCOUT
PA0
PA1
PB2
PB3
PB4
PB5
19
18
11
10
13
12
ST6/ST7
NMI
TEST
VSS
5
6
20
3 x
4.7M
220k
100k
100k
220k
220k
22k
LINE
100
MODE
8MHz
10p
10p
TOUCH
SENSOR
7
0V
0V
0V
0V
0V
0V
0V
+5V
+5V
+5V
820
1/2W
220n
400V
1N4148
100u
6.3V
0V
+5V
820
1/2W
220n
400V
1N4148
100u
6.3V
0V
+5V
NEUTRAL
A1
A2
G
5.6V zener
diode
SW TRIACs
type
VDD
1
RESET
PB0
15
PB1
14
4
3
OSCIN
OSCOUT
PA0
PA1
PB2
PB3
PB4
PB5
19
18
11
10
13
12
ST6/ST7
NMI
TEST
VSS
5
6
20
3 x
4.7M
220k
100k
100k
220k
220k
22k
LINE
100
MODE
8MHz
10p
10p
TOUCH
SENSOR
7
0V
0V
0V
0V
0V
0V
0V
+5V
+5V
+5V
820
1/2W
220n
400V
1N4148
100u
6.3V
0V
+5V
820
1/2W
220n
400V
1N4148
100u
6.3V
0V
+5V
NEUTRAL
A1
A2
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com