Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN441 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN441
Description  Inductive load control with AC switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN441 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN441 Datasheet HTML 3Page - STMicroelectronics AN441 Datasheet HTML 4Page - STMicroelectronics AN441 Datasheet HTML 5Page - STMicroelectronics AN441 Datasheet HTML 6Page - STMicroelectronics AN441 Datasheet HTML 7Page - STMicroelectronics AN441 Datasheet HTML 8Page - STMicroelectronics AN441 Datasheet HTML 9Page - STMicroelectronics AN441 Datasheet HTML 10Page - STMicroelectronics AN441 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN441
AC switch control with an inductive load
Doc ID 3579 Rev 3
7/16
If a power supply with reduced output current capability is used (for example, the case with
capacitive or resistive power supplies), a solution to reduce the gate current average value
is to apply a high-frequency (several kilohertz) burst to the gate. This solution allows
reduction of Triac off time that occurs after current has reached zero and before a new gate
current pulse (coming with the high-frequency burst) is applied. This maximum off time will
then approximately equal (at worst case) to one gate-burst period (see Application note
AN308).
2.3
Inrush current limitation
To limit the inductive load inrush current, triggering at peak mains voltage could reduce the
peak current as previously shown. Also, especially for transformers, it is better to ensure that
the device is switched-on at a different polarity compared to last half-cycle conduction (refer
to Section 1.2).
But this triggering method will only be efficient in applications where the inrush current
comes from inductive part of the load or from core saturation. This is mainly the case with
transformers or valves. The inrush current period usually lasts less than 100 ms.
For other applications, the inrush current could also come from other phenomenon.
●
Low-resistance value at start-up (cold filament of incandescent lamp)
●
High starting torque (induction motors used in compressors)
●
Low back EMF at zero speed, i.e. at start-up (universal motor or permanent-magnets
induction motors used in pump applications)
For these applications, the inrush current can last up to 500 ms.
As the inrush current is not only due to the behavior of the inductive part of the load, the
problem cannot be resolved just by triggering the Triac at peak voltage for the 1st half-cycle
and then control it in full wave-mode. The solution consists of implementing a soft start by
progressively increasing the conduction angle of the AC switch. This solution allows the
maximum current at turn on to be limited to a value near to the steady state. This brings the
following benefits:
●
Lower rate of rise of temperature for the device and so better device reliability
●
Compliance with the IEC 61000-3-3
●
Lower peak current and so better load reliability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com