Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN441 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN441
Description  Inductive load control with AC switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN441 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN441 Datasheet HTML 7Page - STMicroelectronics AN441 Datasheet HTML 8Page - STMicroelectronics AN441 Datasheet HTML 9Page - STMicroelectronics AN441 Datasheet HTML 10Page - STMicroelectronics AN441 Datasheet HTML 11Page - STMicroelectronics AN441 Datasheet HTML 12Page - STMicroelectronics AN441 Datasheet HTML 13Page - STMicroelectronics AN441 Datasheet HTML 14Page - STMicroelectronics AN441 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AN441
Typical examples of inrush current reduction
Doc ID 3579 Rev 3
11/16
Figure 10 show an example of Triac switching on a 2200 W universal motor with or without
soft start. The difference is very clear, the current reaches a peak current up to 60 A without
soft start while it reaches 10 A with soft start. This current reduction has a direct impact in
the AC switch maximum junction temperature as shown in Figure 11 with a T1050H Triac.
The use of soft start at motor start-up allows:
●
Lower junction temperature
–
Better temperature operation margin leading to increased lifetime for the AC
switch
–
Use of lower AC switch range
●
Lower peak load current
–
Lower load current stress, so appliance reliability increases
Figure 11.
Junction temperature rise for Triac T1050H for universal motor
124.2 °C
Without soft start
With soft start
78 °C
Time (s)
T (°C)
j
0
0.8
0.6
0.4
0.2
80
130
120
100
65
T1
j a
T2
j a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com