Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN441 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN441
Description  Inductive load control with AC switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN441 Datasheet(HTML) 4 Page - STMicroelectronics

  AN441 Datasheet HTML 1Page - STMicroelectronics AN441 Datasheet HTML 2Page - STMicroelectronics AN441 Datasheet HTML 3Page - STMicroelectronics AN441 Datasheet HTML 4Page - STMicroelectronics AN441 Datasheet HTML 5Page - STMicroelectronics AN441 Datasheet HTML 6Page - STMicroelectronics AN441 Datasheet HTML 7Page - STMicroelectronics AN441 Datasheet HTML 8Page - STMicroelectronics AN441 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Reasons for inrush current in inductive loads
AN441
4/16
Doc ID 3579 Rev 3
Figure 3.
Magnetic field H versus induction B (continuous rating)
According to Equation 2, at start up at zero voltage the current is higher (longer time to
integrate voltage and so higher induction reached in the 1st cycle) and so there is a higher
risk of reaching magnetic core saturation.
Also a second phenomenon can increase risk of saturation. This phenomenon is due to
remanent induction. The remanent induction (refer to Br in Figure 3.), corresponds to the
point where H equals 0. If a positive voltage is applied from a point where there is a positive
remanent induction, the induction will start to increase from a higher initial value, so will
reach saturation faster (refer to appendix 1 for further explanation on this phenomenon).
To avoid this phenomenon in circuits controlled by an AC switch, device switch on has to be
implemented on the reverse polarity according to previous switch off. Figure 4 shows two
different test results carried out on a 200 VA 230 V to 12 V transformer. Curve A shows the
current waveform, recorded after a previous identical current waveform. The particularity of
this waveform is that the first half-cycle conduction is in the same polarity as the previous
one. In this case the transformer reaches saturation very rapidly and the transformer
behaves like a short circuit. The peak current is limited only by the series resistance of the
transformer.
Curve B shows the same recording but here with the first half-cycle conduction in reverse
polarity compared to the last one. These two curves clearly show that saturation is reached
in case A due to previous conduction. Then load current can be approximately eight times
higher than if care is taken to always trigger the device for an integer value of full-cycle
periods.
B
t
B(t)
H
Bs
Br
t
i(t)
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com