Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN594 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN594
Description  This note describes a technique for driving
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN594 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN594 Datasheet HTML 8Page - STMicroelectronics AN594 Datasheet HTML 9Page - STMicroelectronics AN594 Datasheet HTML 10Page - STMicroelectronics AN594 Datasheet HTML 11Page - STMicroelectronics AN594 Datasheet HTML 12Page - STMicroelectronics AN594 Datasheet HTML 13Page - STMicroelectronics AN594 Datasheet HTML 14Page - STMicroelectronics AN594 Datasheet HTML 15Page - STMicroelectronics AN594 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Direct LCD Drive
12/28
;**************************************************************************
;*
INITIALIZATION SUBROUTINE
;**************************************************************************
.ORG 880h
DEBUT
RETI
; END OF RESET INTERRUPT
LDI
DDRA,0C7H
; A0 to A2 PUSH PULL OUTPUT = 0
LDI
ORA,0C7H
; A3 to A5 pull up input ; A6 & A7 output = 0
LDI
DRA,00H
; A3 to A5 for keyboard
; A6 -> BP1, A7 -> BP2
LDI
COPYA,00H
LDI
DDRB,0FFH
; B0 A B7 push pull output = 0
LDI
ORB,0FFH
; port B controls LC Display
LDI
DRB,00H
;
LDI
COPYB,00H
;
LDI
DDRC,00H
;
LDI
ORC,00H
; C4 C5 C6 C7 unused inputs
LDI
DRC,00H
;
LDI
COPYC,00H
;
LDI
DWR,3CH
; origin of the table
LDI
FLAGS,00h
; reset flags
;**************************************************************************
;*
END OF INITIALIZATION SUBROUTINE
;**************************************************************************
;**************************************************************************
;*
MAIN LCD DRIVE SUBROUTINE
;*
;*
task : generate alternative signals to control LCD backplanes BP1/BP2
;*
drive the segments of the LCD
;*
calculate duration of each duration phase
;**************************************************************************
SOMMEIL
RES
0,FLAGS
LDI
ORA,0CFh
; A3 becomes interrupt input
LDI
IOR,10h
; valid interrupt
STOP
; wait at ON/OFF button activation
LDI
ORA,0C7h
;
CLR
IOR
; inihibit INTERRUPTS
CALL CLAVIER
; keyboard test
JRR
0,FLAGS,SOMMEIL
; IF no push on ON/OFF button , THEN stand by
I1BOUCLE RES
0,FLAGS
; ELSE INITIALIZATION of MAIN LOOP
LDI
TOUCHU,00h
; ON/OFF FLAG is reset, UNITEE A 0
LDI
TOUCHD,00h
; reset M.S. DIGIT
LDI
IOR,10h
; valid interrupts
;**************************************************************************
BOUCLE1
LDI
TCR,18
; initialization of timer
LDI
TSCR,7Fh
; program it at 1,5 ms
LD
A,TOUCHU
; determine data/rom window address
SLA
A
;
SLA
A
; multiply TOUCHU by 4
LD
TABU,A
; initialize data/rom address
LD
A,TOUCHD
; of TABLES 1 & 2
SLA
A
;
SLA
A
;
LD
TABD,A
;
CALL DATALCD
; determine segments driver byte for PHASE 1
LDI
ORA,47h
; BP1 = Vdd ; BP2 =
Vdd/2 therefore
LDI
DDRA,47h
; A6 becomes push pull output at VDD
LDI
DRA,0C0h
; A7 becomes high impedance input
LD
DRB,A
; load segments driver byte on port
CALL CLAVIER
; test of keyboard
WAIT
;***************************************************************************
ANNEX 1: Software of the ST6215x based application (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com