Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN594 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN594
Description  This note describes a technique for driving
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN594 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN594 Datasheet HTML 20Page - STMicroelectronics AN594 Datasheet HTML 21Page - STMicroelectronics AN594 Datasheet HTML 22Page - STMicroelectronics AN594 Datasheet HTML 23Page - STMicroelectronics AN594 Datasheet HTML 24Page - STMicroelectronics AN594 Datasheet HTML 25Page - STMicroelectronics AN594 Datasheet HTML 26Page - STMicroelectronics AN594 Datasheet HTML 27Page - STMicroelectronics AN594 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Direct LCD Drive
25/28
addi
a,040h
;
ld
DIG2,a
; DIG2 = data/rom @ of LCD driver
ret
;***********************************************************************
;*
END OF HEXA — > DECIMAL DATA CONVERSION SUBROUTINE
;***********************************************************************
;***********************************************************************
;*
TABLE OF HEXA — > DECIMAL DATA CONVERSION ( 00 TO 49 BinCodDec )
;***********************************************************************
.org
0e00h
.byte
00h,01h,02h,02h,03h,04h,05h,05h
.byte
06h,07h,08h,09h,09h,10h,11h,12h
.byte
12h,13h,14h,15h,16h,16h,17h,18h
.byte
19h,20h,20h,21h,22h,23h,23h,24h
.byte
25h,26h,27h,27h,28h,29h,30h,30h
.byte
31h,32h,33h,34h,34h,35h,36h,37h
.byte
37h,38h,39h,40h,41h,41h,42h,43h
.byte
44h,45h,45h,46h,47h,48h,48h,49h
;***********************************************************************
;*
END OF HEXA —> DECIMAL DATA CONVERSION TABLE ( 00 to 49 )
;***********************************************************************
;***********************************************************************
;*
TABLE OF HEXA —> DECIMAL DATA CONVERSION ( 50 to 99 BinCodDec )
;***********************************************************************
.org
0e40h
.byte
50h,51h,52h,52h,53h,54h,55h,55h
.byte
56h,57h,58h,59h,59h,60h,61h,62h
.byte
62h,63h,64h,65h,66h,66h,67h,68h
.byte
69h,70h,70h,71h,72h,73h,73h,74h
.byte
75h,76h,77h,77h,78h,79h,80h,80h
.byte
81h,82h,83h,84h,84h,85h,86h,87h
.byte
88h,88h,89h,90h,91h,91h,92h,93h
.byte
94h,95h,95h,96h,97h,98h,98h,99h
;***********************************************************************
;*
END OF HEXA — > DECIMAL DATA CONVERSION TABLE ( 50 to 99 )
;***********************************************************************
;***********************************************************************
;*
SEGMENT CONTROL WITHOUT ANY POINT DISPLAY
;*PA0,4 —-> SEG CB
;*PA1,5 —-> SEG DH
;*PA2,6 —-> SEG DH
;*PA3,7 —-> SEG GA
;*
;*PA0,PA1,PA2,PA3—-> DIGIT1
;*PA4,PA5,PA6,PA7—-> DIGIT2
;*
;*Backplane #1 (pb1) biases C,D,E,G
;*Backplane #2 (pb0) biases A,B,F,H
;*
;*These tables are dedicated to one LCD type with two digits and LCD
;*control is described above ; when LCD is changing these tables have
;* to be
modified
a
fb
e
c
g
d
ANNEX 2: Software of the ST6265x based application (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com