Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN594 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN594
Description  This note describes a technique for driving
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN594 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN594 Datasheet HTML 15Page - STMicroelectronics AN594 Datasheet HTML 16Page - STMicroelectronics AN594 Datasheet HTML 17Page - STMicroelectronics AN594 Datasheet HTML 18Page - STMicroelectronics AN594 Datasheet HTML 19Page - STMicroelectronics AN594 Datasheet HTML 20Page - STMicroelectronics AN594 Datasheet HTML 21Page - STMicroelectronics AN594 Datasheet HTML 22Page - STMicroelectronics AN594 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Direct LCD Drive
19/28
ANNEX 2: Software of the ST6265x based application (Continued)
mc
.def 0d5h
; Timer 2 mode control register.
sc0
.def 0d6h
; Timer 2 status/control register.
sc1
.def 0d7h
; Timer 2 status/control register.
rc
.def 0d9h
; Timer 2 reload/capture register.
cp
.def 0dah
; Timer 2 compare register.
lr
.def 0dbh
; Timer 2 load register.
wdt
.def 0d8h
; Watchdog register.
oscr
.def 0dch
; Oscillator control register.
lvi
.def 0ddh
; Multiplex register / lvi flag register.
spirad
.def 0e0h
; SPI register RAD.
spidiv
.def 0e1h
; SPI register DIV.
spimod
.def 0e2h
; SPI register MOD.
mbr
.def 0e8h
; memory bank register.
eecr
.def 0eah
; eeprom control register.
;************************************************************************
;*
RAM DATA DEFINITION
;************************************************************************
duty0
.def 087h,0ffh,0ffh ; user request reference
counter1 .def 089h,0ffh,0ffh ; duty0 variation rate control byte
DIG1
.def 0a6h,0ffh,0ffh ; data/rom @ of DIGIT1 segment driver
DIG2
.def 0a7h,0ffh,0ffh ; data/rom @ of DIGIT2 segment driver
LCDCTL
.def 0a8h,0ffh,0ffh ; LCD phase sequence control byte
pbbuf
.def 0aah,0ffh,0ffh ; buffer byte of data port b
BCD
.def 0a9h,0ffh,0ffh ; BinCodDec converted DATA
AUX1
.def 0a3h,0ffh,0ffh ; accumulator save byte
AUX2
.def 0a4h,0ffh,0ffh ; data/rom window register save byte
AUX3
.def 0a5h,0ffh,0ffh ; x register save byte
;************************************************************************
;*
EQUATES DEFINITION
;************************************************************************
FASTIM
.equ 036h
; duration of each LCD drive phase (14 ms at 8 MHz)
;************************************************************************
;************************************************************************
;*
MACROFUNCTIONS DEFINITION
;************************************************************************
.macro jumpnc jpadress,?lbl
jrc lbl
jp jpadress
lbl
.endm
;************************************************************************
.macro jumpz jpadress,?lbl
jrnz lbl
jp jpadress
lbl
.endm
;************************************************************************



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com