Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1014 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 9Page - STMicroelectronics AN1014 Datasheet HTML 10Page - STMicroelectronics AN1014 Datasheet HTML 11Page - STMicroelectronics AN1014 Datasheet HTML 12Page - STMicroelectronics AN1014 Datasheet HTML 13Page - STMicroelectronics AN1014 Datasheet HTML 14Page - STMicroelectronics AN1014 Datasheet HTML 15Page - STMicroelectronics AN1014 Datasheet HTML 16Page - STMicroelectronics AN1014 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
6.2.2.3 Halt Mode
Methodology: A resonator oscillator is used with fosc at 8 MHz. PLL*2 is disabled. So, fosc2 is
fosc/2. All peripherals are in reset configuration except the ports. The IS21 bit in the EICR is
cleared and the IS20 bit in the EICR is set to 1. All ports are set as Push-Pull Outputs with low
level except PF1 (which is used for charging and discharging the capacitor).
Measurements:
Table 10. Consumption IDD (Halt Mode) for Cext = 1 uF at TA = + 25 °C
6.2.3 Conclusion
If VDD increases, RPU decreases. So, the RC time constant also decreases for a fixed value of
Cext. So, the wake-up time decreases. Hence the wake-up frequency increases with the in-
crease of VDD.
A delay after wake-up by an interrupt exists only in Halt mode, because in all other low power
modes (except Halt mode) the oscillator is ON. So, to wake up from HALT mode, the MCU
needs 256/4096 CPU cycles delay for the oscillator startup, during this time it consumes some
current.
* Wake-Up frequency is the external interrupt frequency (Wake-Up time is the time after which
the MCU is woken up from the different modes (Wait, Slow-Wait, Active-Halt, Halt)).
6.3 EXAMPLE 3: APPLICATION WITH PERIODIC WAKEUP AND WATCHDOG
For this example, we assume that for the application the Watchdog Timer (WDG) has to re-
main active and that the microcontroller has to stay in low power mode for an undefined time
period. Therefore, Halt mode can not be used, as the “Halt” instruction resets the microcon-
troller when the WDG is active and WDGHALT option bit in the option byte is set to 1. When
the WDGHALT option bit in the option byte is 0 and WDG is active, a “Halt” instruction doesn’t
generate a Watchdog reset. In this case, the MCU enters Halt mode. The Watchdog counter
is decremented once and then stops counting and is no longer able to generate a watchdog
reset until the MCU receives an external interrupt or reset. Active-Halt mode can also not be
used, because, the device cannot spend more than a defined period in this power saving
mode. Consequently, Wait mode is used, associated with Slow mode configured for the
slowest frequency. This slow mode clock (fCPU) drives the active peripherals and the CPU
when it is woken-up. Of course, to reduce power consumption further, Halt mode should be
used wherever possible.
In terms of applications, users usually try to optimize the power consumption during the wait
loop in the main program. In this configuration the microcontroller is mostly idle, waiting for an
fOSC(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
8
360
µA580 µA
840
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com