Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1014 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 17Page - STMicroelectronics AN1014 Datasheet HTML 18Page - STMicroelectronics AN1014 Datasheet HTML 19Page - STMicroelectronics AN1014 Datasheet HTML 20Page - STMicroelectronics AN1014 Datasheet HTML 21Page - STMicroelectronics AN1014 Datasheet HTML 22Page - STMicroelectronics AN1014 Datasheet HTML 23Page - STMicroelectronics AN1014 Datasheet HTML 24Page - STMicroelectronics AN1014 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
ister is cleared and the IS00 bit in the EICR register is set to 1. All Ports are in Push-Pull
Output with low level except PA0 (which is used for charging and discharging the capacitor).
Measurements:
Table 18. Consumption IDD (Wait Mode) for CEXT = 1 uF at TA = + 25 °C
7.2.2.2 Slow-Wait Mode
Methodology: An external CLK source, up to 16MHz is used on pin CLKIN. PLL is disabled
and internal RC Oscillator is OFF. So, fOSC is CLKIN / 2. All peripherals are in reset configura-
tion except the I/O Ports and the SMS bit of in the MCCSR register is set to 1, hence fCPU is
fOSC/32.The IS01 bit in the EICR register is cleared and the IS00 bit in the EICR register is set
to 1. All Ports are in Push-Pull Outputs with low level except PA0 (which is used for charging
and discharging the capacitor).
Measurements:
Table 19. Consumption IDD (Slow-Wait Mode) for CEXT = 1 uF at TA = + 25 °C
7.2.2.3 Halt Mode
Methodology: An external CLK source, up to 16MHz is used on pin CLKIN. PLL is disabled
and internal RC Oscillator is OFF. So, fOSC is CLKIN / 2. All peripherals are in reset configura-
tion except Ports. IS01 bit of EICR is cleared and IS00 bit of EICR is set to 1. All Ports are in
Push-Pull Outputs with low level except PA0 (which is used for charging and discharging the
capacitor).
Measurements:
Table 20. Consumption IDD (Halt Mode) for CEXT = 1 uF at TA = + 25 °C
External CLK
on CLKIN Pin
(MHz)
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
16
8
1850
µA
2087uA
2380uA
84
1195uA
1426uA
1590uA
External CLK
on CLKIN Pin
(MHz)
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
16
0.25
430uA
526uA
612uA
80.125
293uA
380uA
434uA
4
0.0625
220uA
280uA
333uA
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
8
95
µA115 µA
143
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com