Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1014 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 17Page - STMicroelectronics AN1014 Datasheet HTML 18Page - STMicroelectronics AN1014 Datasheet HTML 19Page - STMicroelectronics AN1014 Datasheet HTML 20Page - STMicroelectronics AN1014 Datasheet HTML 21Page - STMicroelectronics AN1014 Datasheet HTML 22Page - STMicroelectronics AN1014 Datasheet HTML 23Page - STMicroelectronics AN1014 Datasheet HTML 24Page - STMicroelectronics AN1014 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
23/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
– Slow mode is selected with the divided external clock factor equal to 64. This clock (fCPU)
drives the active peripherals (WDG and LT-Realtime Clock) and the core when it is active.
In the Main Clock Control/Status Register (MCCSR) the SMS bit must be set.
– All I/O ports are connected to an external pull-up or pull-down to avoid leakage due to floating
inputs.
– The Watchdog Timer (WDG) is active with a 2msec time-out period.
– Here 8 bit LT is used to wake-up the core at regular intervals, 1msec, to avoid a WDG reset.
– In LTCSR register set, TB to 0 & TBIE to 1.
– The main loop contains a Wait For Interrupt “WFI” instruction.
– Here all other peripherals (except above) are OFF
– Set Option Byte “value” to “FC FE” (In Option Byte, PLL = disabled, RC Oscillator = OFF,
LVD = OFF, WDG SW = Software, WDG HALT= No Reset when Halt)
– For the ST7 software configuration, please refer to your datasheet.
Figure 6. Hardware Setup
7.3.2 Application
Methodology: An external CLK source, up to 16MHz is used on pin CLKIN. PLL is disabled
and internal RC Oscillator is OFF. So, fOSC is CLKIN / 2. All peripherals are in reset configura-
tion and the SMS bit in the MCCSR is set to 1.Hence fCPU is fOSC/32. All I/O ports are con-
nected to an external pull-down.
Measurements:
The measurement of current (IDD) is done directly on the VDD pin. The microcontroller is in
Wait mode and is configured as described above, with the WDG and LT Timer active.
The values given in Table21 correspond to typical measured values. They are not maximum
or minimum values.
mA
VDD
ST7LITE0
VDD
VSS
Port A, Port B
RDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com