Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 14 Page - NEC

Part # UPD61P24CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD61P24CS Datasheet(HTML) 14 Page - NEC

Back Button UPD61P24CS Datasheet HTML 10Page - NEC UPD61P24CS Datasheet HTML 11Page - NEC UPD61P24CS Datasheet HTML 12Page - NEC UPD61P24CS Datasheet HTML 13Page - NEC UPD61P24CS Datasheet HTML 14Page - NEC UPD61P24CS Datasheet HTML 15Page - NEC UPD61P24CS Datasheet HTML 16Page - NEC UPD61P24CS Datasheet HTML 17Page - NEC UPD61P24CS Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
µPD61P24
14
14. STANDBY FUNCTION (HALT INSTRUCTION)
The
µPD6600A is provided with the standby mode (HALT instruction), in order to reduce the power consumption,
when not executing the program. Clock oscillation can be stopped in the standby mode (STOP mode).
In the standby mode, the program execution stops. However, the contents of the internal registers and the data
memory are all retained.
14.1
STOP Mode (Oscillation stop HALT instruction)
In the STOP mode, the operation of the system clock generator (ceramic resonator oscillation circuit) stops.
Therefore, operations requiring the system clock will stop.
If the HALT instruction is executed during timer operation, the program counter stops. The oscillation stop mode
will be initiated, after the timer count down operation is completed.
14.2
HALT Mode (Oscillation continue HALT instruction)
The CPU stops its operation, until the HALT release condition is satisfied.
The system clock operation continues in this mode.
14.3
Standby Release Conditions
(1) S-IN input
(2) KI/O input
(3) KI input
(4) Timer count down operation completion
Remark
Either high level or low level can be specified for setting a release condition by input.
Table 14-1. Standby Mode Releasing Condition
D 3
0/1
0
Releasing condition:
0
1
Timer
01
00
K
0
0
S-IN
D 2
D 1
D 0
Releasing
Condition
1
0
1
0
I/O
K I
Remarks
Released when 0.
Valid only in the IN mode.
When RL
A is selected, the standby mode is
always released.
3
←
“0”···Low level detection
“1”···High level detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com