Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 2 Page - NEC

Part # UPD61P24CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD61P24CS Datasheet(HTML) 2 Page - NEC

  UPD61P24CS Datasheet HTML 1Page - NEC UPD61P24CS Datasheet HTML 2Page - NEC UPD61P24CS Datasheet HTML 3Page - NEC UPD61P24CS Datasheet HTML 4Page - NEC UPD61P24CS Datasheet HTML 5Page - NEC UPD61P24CS Datasheet HTML 6Page - NEC UPD61P24CS Datasheet HTML 7Page - NEC UPD61P24CS Datasheet HTML 8Page - NEC UPD61P24CS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
µPD61P24
2
ORDERING INFORMATION
Part Number
Package
µPD61P24CS
20-pin plastic shrink DIP (300 mil)
µPD61P24GS
20-pin plastic SOP (300 mil)
PIN CONFIGURATION (Top View)
(1) Normal operating mode
(2) PROM programming mode
K
K
S-IN
S-OUT
REM
V
OSC-OUT
OSC-IN
V
AC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
K
K
K
K
K
K
K
K
K
K
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I0
I1
I2
I3
I/O1
I/O0
DD
SS
1
2
3
4
5
6
7
8
D1
D0
VPP
(Open)
(Open)
VDD
(Open)
CLK
20
19
18
17
16
15
14
13
D2
D3
D4
D5
D6
D7
MD0
MD1
9
VSS
12 MD2
10
(L)
11 MD3
Caution Round brackets ( ) indicate the pins not used in the PROM programming mode.
L
: Connect each of these pins to GND via a resistor (470
Ω).
Open: Leave these pins open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com