Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61P24CS Datasheet(PDF) 18 Page - NEC

Part # UPD61P24CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD61P24CS Datasheet(HTML) 18 Page - NEC

Back Button UPD61P24CS Datasheet HTML 14Page - NEC UPD61P24CS Datasheet HTML 15Page - NEC UPD61P24CS Datasheet HTML 16Page - NEC UPD61P24CS Datasheet HTML 17Page - NEC UPD61P24CS Datasheet HTML 18Page - NEC UPD61P24CS Datasheet HTML 19Page - NEC UPD61P24CS Datasheet HTML 20Page - NEC UPD61P24CS Datasheet HTML 21Page - NEC UPD61P24CS Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
µPD61P24
18
17. WRITING, READING, AND VERIFYING ONE-TIME PROM (PROGRAM MEMORY)
To write, read, or verify the PROM, set the PROM mode and use the pins shown in Table 17-1. No address input
pin is used. To update the address, the clock signal input from the CLK pin is used.
Table 17-1. Pins Used to Write, Read, and Verify Program Memory
Symbol
Function
VPP
Applies program voltage (12.5 V)
CLK
Inputs clock to update address
MD0-MD3
Selects operation mode
D0-D7
Inputs/outputs 8-bit data
VDD
Applies supply voltage (6 V)
17.1
Operation Mode When Writing, Reading, and Verifying Program Memory
The
µPD61P24 enters the program memory write, read, or verify mode if +6 V is applied to the VDD pin and +12.5
V is applied to the VPP pin after the reset status has been held a certain time (VDD = 5 V, AC = low level).
In this mode, the operation modes listed in Table 17-2 can be selected by using the MD0 through MD3 pins.
Any input pins not used for writing, reading, or verifying the program memory must be open or connected to GND
via a pull-down resistor (470
Ω).
Table 17-2. Operating Mode When Writing, Reading, and Verifying Program Memory
Specifies Operation Mode
Operation Mode
VPP
VDD
MD0
MD1
MD2
MD3
+12.5 V
+6 V
H
L
H
L
Clears program memory address to 0
L
H
H
H
Write mode
L
L
H
H
Read and verify modes
H
×
H
H
Program inhibit mode
×: don’t care (L or H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com