Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSX3024SW Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # APSX3024SW
Description  PowerVerter APS X 3000W 24VDC 230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX3024SW Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  APSX3024SW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX3024SW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX3024SW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX3024SW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BATTERY
Expandable Battery Runtime
Runtime is expandable with any number of user supplied wet or gel type batteries
DC System Voltage (VDC)
24
Battery Pack Accessory (Optional)
98-121 sealed lead acid battery (optional)
Battery Charge
Selectable 23 / 90 amp
Expandable Runtime
Yes
VOLTAGE REGULATION
Voltage Regulation Description
Includes automatic voltage regulation to correct brownouts and overvoltages back to usable levels
Overvoltage Correction
Overvoltages are automatically reduced by 10%
Brownout Correction
Brownouts are automatically boosted by 10% and 20%
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
Set of 6 LEDs offer continuous status information on load percentage (6 levels reported) and battery charge level (7
levels reported). See manual for sequences.
Switches
3 position on/off/remote switch enables simple on/off power control plus "auto/remote" setting that enables distant
on/off control of the inverter system when used in conjunction with optional APSRM4 accessory when used in
inverter mode. In AC uninterrupt
PHYSICAL
Shipping Dimensions (hwd / in.)
20.080 x 18.430 x 22.520
Shipping Dimensions (hwd / cm)
51.00x46.81 x 57.20
Shipping Weight (lbs.)
87
Shipping Weight (kg)
39.46
Unit Dimensions (hwd / in.)
10.08 x 8.90 x 12.40
Unit Dimensions (hwd / cm)
25.60 x22.606 x 31.496
Unit Weight (lbs.)
64.8
Unit Weight (kg)
29.39
Material of Construction
Metal
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
Operating Temperature
32-104 Fahrenheit / 0-40 Celcius
LINE / BATTERY TRANSFER
Transfer Time (Line Power to
Battery Mode)
Dip-switch selectable 20 millisecond (full cycle) / 10 millisecond (half-cycle) transfer times which are compatible with
many computers, servers and networking equipment - verify transfer time compatibility of loads for UPS applications
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com