Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSX3024SW Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # APSX3024SW
Description  PowerVerter APS X 3000W 24VDC 230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX3024SW Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  APSX3024SW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX3024SW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX3024SW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX3024SW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Double Boost output supports momentary start-up loads up to 200% of the continuous rating for up to 10 seconds (see specification chart) - OverPower
output supports longer duration overloads to 150% for up to 60 seconds
3-stage, selectable 23/90 amp battery charger with adjustable settings for wet/gel battery types
3-position operating mode switch supports "AUTO" mode to enable automatic transfer between DC and AC modes, CHARGE-ONLY to maintain a full
battery charge when AC is present without auto transfer and SYSTEM OFF settings
Set of 6 front panel LEDs display continuous status information
Set of 4 dip switches support AC input selection of 230V, selectable 50 /60Hz frequency, and selectable full or half cycle transfer times
Set of 4 dip switches support wet/gel battery charging profiles, adjustable 260/270V (230V) high voltage auto transfer during overvoltages and selectable
150/60V / 170/180V (230V) AC low voltage auto transfer during brownouts
Set of 4 additional dip switches support battery equalization program and battery charger low / high settings
Automatic overload and thermal (overheating) shutoff
Front panel remote control connector enables remote off/on switching (APSRM4 sold separately)
Load sensing control dial enables adjustable load threshold required to automatically turn the inverter on and off in DC mode as load conditions change
Automatic Generator Starter jack enables user configuration of automatic generator start-up as inverter batteries drop to 23.0 VDC and generator shutoff
as inverter batteries are recharged to 28.2 VDC.
Remote battery temperature sensing connection function prolongs battery life by adjusting the charge float voltage level based on battery temperature
Specifications
OUTPUT
Frequency Compatibility
50 / 60 Hz
Output Receptacles
Hardwire
Output (Watts)
3000
Continuous Output Capacity (Watts)
3000
Peak Output Capacity (Watts)
6000
Output Nominal Voltage
230V
Output Voltage Regulation
LINE POWER (AC): Maintains 230V nominal sine wave output from line power source. INVERTER POWER (AC):
Maintains sine wave output voltage of 230 VAC (+/-5%).
Output Frequency Regulation
50/60 Hz (+/- 0.3 Hz)
Pure Sine Wave Output
Yes
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
DC INPUT: Requires 24VDC input source capable of delivering 145A for the required duration (when used at full
continuous capacity - DC requirements increase during OverPower and DoubleBoost operation).
Maximum Input Amps
28
Input Connection Type
DC INPUT: Set of DC bolt-down terminals. AC INPUT: Hardwire via built in terminal strip with cover plate
Voltage Compatibility (VAC)
230
Voltage Compatibility (VDC)
24
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com