Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSX3024SW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # APSX3024SW
Description  PowerVerter APS X 3000W 24VDC 230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX3024SW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  APSX3024SW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX3024SW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX3024SW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX3024SW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PowerVerter APS X 3000W 24VDC 230V
Inverter/Charger with Pure Sine Wave Output,
Hardwired
MODEL NUMBER: APSX3024SW
Description
Tripp Lite’s APSX3024SW DC-to-AC inverter with automatic line-to-battery transfer and integrated charging
system serves as an extended run UPS, a standalone power source or an automotive inverter. Supplies up to
3000 watts of continuous 230V sine wave AC power from any 24V battery or automotive DC source. When
hardwire AC input is energized, commercial power passes through to connected equipment and the battery set
is recharged via 3 stage, 23/90 amp charging system. In UPS mode, the APS system responds to blackouts and
severe voltage fluctuations with a near instantaneous automatic transfer to battery-derived AC output. Includes a
set of high current DC input terminals for simple installation (user supplies batteries and cabling - see owner's
manual for recommendations). Passes sine wave utility or generator power during battery charging and UPS line
power operation, and sine wave AC output in inverter and UPS backup modes. Built-in Automatic Voltage
Regulation (AVR) corrects line power AC brownouts and overvoltages without using battery power during battery
charging and UPS standby modes. Reliable large transformer design, with frequency control powers resistive
electronic loads or large inductive motors, compressors and other items with high current needs on startup.
Optional APSRM4 wired remote power switch with full status LEDs provides remote power inverter on/off
switching and continuous status information (part# APSRM4 sold separately). Supports an unlimited amount of
runtime with any number of user-supplied batteries connected. Highly adaptable to a variety of applications and
site conditions with adjustable charger settings for wet/gel battery types and selectable line to battery power
transfer voltages.
NOTE: To protect against high current draw that may occur during inverter failure, a fuse link rated at 250a should be positioned no more than 18" from the
APSX3024SW's battery in the positive line.
Features
Supports 230V AC output from a 230V AC line power source or 24V DC battery source
3000W continuous sinewave AC output in inverter mode
Highlights
24V DC or 230V (selectable) AC
input & output; 230V, 50/60 Hz,
pure sine wave output (hardwired)
3000 watts continuous, 4500
watts OverPower and 6000 watts
DoubleBoost inverter output
3-stage, 23/90 amp selectable
wet/dry cell battery charger; Auto
Transfer Switching
Automatic Voltage Regulation
corrects brownouts and
overvoltages without using
battery power
Applications
Versatile inverter/charger system with
auto-transfer switching serves as an
automotive inverter for RVs,
over-the-road trucking, conversion
vans, high humidity environments and
fleet service vehicles; a standalone
alternative power source for off-grid,
alternative energy or export
applications and as an uninterruptible
power supply (UPS) for items
compatible with selectabe half-cycle
(10ms) or full-cycle (20ms) transfer
times. NOTE: For sump pump
applications, Tripp Lite recommends
its "UT" Utility Truck
Inverter/Chargers.
Package Includes
APSX3024SW Inverter/Charger
Instruction manual with warranty
information
1 / 4


Similar Part No. - APSX3024SW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
APSX6048VRNET TRIPPLITE-APSX6048VRNET Datasheet
559Kb / 4P
PowerVerter APS X 6000W 48VDC 208/230V
More results

Similar Description - APSX3024SW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSINT2424 TRIPPLITE-APSINT2424 Datasheet
505Kb / 4P
PowerVerter APS INT 2400W 24VDC 230V
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
PowerVerter APS INT 3600W 36VDC 230V
APSX750 TRIPPLITE-APSX750 Datasheet
515Kb / 4P
PowerVerter APS X 750W 12VDC 230V
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
APSX6048VRNET TRIPPLITE-APSX6048VRNET Datasheet
559Kb / 4P
PowerVerter APS X 6000W 48VDC 208/230V
APS3636VR TRIPPLITE-APS3636VR Datasheet
187Kb / 5P
3600W PowerVerter APS 36VDC 120V Inverter/Charger with Auto-Transfer Switching
PV3000HF TRIPPLITE-PV3000HF Datasheet
167Kb / 3P
3000W PowerVerter Compact Inverter for Trucks with 4 Outlets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com