Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCRKINT Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # HCRKINT
Description  300W 230V Medical-Grade Mobile Power Retrofit Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

HCRKINT Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  HCRKINT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved HCRKINT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved HCRKINT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SURGE / NOISE SUPPRESSION
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Shipping Weight (lbs.)
Power Supply: 16 lb. Battery Module: 67.1 lb.
Shipping Weight (kg)
7.20
Unit Dimensions (hwd / in.)
Power Supply: 11.5 x 6 x 3.5 in. Battery Module: 14.5 x 8.5 x 7 in.
Unit Dimensions (hwd / cm)
29.21 x 15.24 x 8.89
Unit Weight (lbs.)
Power Supply: 14.4 lb. Battery Module: 61.5 lb.
Unit Weight (kg)
6.48
Cooling Method
fan
Material of Construction
Power Supply and Battery Module: metal
Form Factors Supported
Retrofits most standard medical cart configurations
COMMUNICATIONS
Network Monitoring Port
USB
SPECIAL FEATURES
Remote Control Capability
Yes
CERTIFICATIONS
Certifications
Tested certified and compliant to IEC 60601-1, CAN/CSA-C22.2 No. 601.1-M90 and UL 1778 by TUV
WARRANTY
Product Warranty Period (Worldwide)
2-year power module and 6-month battery module limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com