Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCRKINT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # HCRKINT
Description  300W 230V Medical-Grade Mobile Power Retrofit Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

HCRKINT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  HCRKINT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved HCRKINT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved HCRKINT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
300W 230V Medical-Grade Mobile Power Retrofit Kit
with 90 Amp-hour Battery and 1-C13 Outlet
MODEL NUMBER: HCRK-INT
Description
Tripp Lite's Medical-Grade Mobile Power Retrofit Kit provides IEC 60601-1 compliance (a required patient
shock-prevention measure) for all connected mobile electronic devices. The Mobile Power Retrofit Kit includes
everything needed to add AC power to medical carts. The kit's power supply features an isolation transformer
that reduces the cumulative shock potential of connected equipment, helping to ensure IEC 60601-1
compliance. The included 90 amp-hour battery module provides long-lasting mobile power. Included PowerAlert
Software saves valuable patient data from loss or corruption if the cart is left unattended and battery power is
depleted. The Mobile Power Retrofit Kit also includes a remote user interface (RUI), mounting hardware and
standard cabling.
Tripp Lite's Medical-Grade Mobile Power Retrofit Kit is fully compatible with most popular carts by AFC, Anthro,
Datalux, GCX, Hergo, Humanscale, Jaco, Knurr, Stinger and more.
Features
Provides IEC 60601-1 compliance for connected mobile equipment (used in every sector of healthcare
facilities, both inside and outside of patient-care areas)
Adds reliable mobile AC power source for medical carts
Medical-Grade Mobile Power Supply (included) features an isolation transformer, providing IEC 60601-1
compliance for connected equipment
The Power Supply's advanced 3-stage charger recharges batteries faster and safer than conventional
chargers
The Power Supply's internal Automatic Transfer Switch (ATS) allows the power supply to simultaneously run
connected equipment while recharging the battery module
The Power Supply also features 1 IEC-320-C13 AC outlet, an 8-in. AC input cord with a hospital-grade
IEC-320-C14 plug, a USB communication port and a compact, all-metal housing that stands up to the most
demanding environments
90 amp-hour user-replaceable battery module (included) provides long-lasting mobile power.
Highlights
Provides IEC 60601-1
compliance for connected mobile
equipment (used in every sector
of healthcare facilities, both
inside and outside of patient-care
areas)
Adds reliable mobile AC power
source to medical carts
Saves money by upgrading new
or existing non-powered carts for
a fraction of the cost of buying
new powered models
Protects valuable patient data
from loss or corruption
Simultaneously powers
connected equipment while
recharging batteries
Includes everything needed to
retrofit a cart: mobile power
supply, 90 amp-hour
user-replaceable battery module,
PowerAlert data-saving software,
remote user interface (RUI) and
mounting hardware kit
Applications
Medical-Grade mobile AC power
supply for medical carts used in every
sector of healthcare facilities, both
inside and outside of patient-care
areas. Provides mobile power and IEC
60601-1 compliance for a variety of
cart-mounted electronic devices:
computers (laptop or desktop),
scanners, diagnostic equipment and
more.
Package Includes
Medical-Grade Mobile Power
Supply
90 amp-hour User-Replaceable
Battery Module and cabling
PowerAlert Data-Saving Software
1 / 3


Similar Part No. - HCRKINT

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
HCR 06 HELLERMANNTYTON-HCR 06 Datasheet
70Kb / 1P
Wire and Cable Markers
HCR 09 HELLERMANNTYTON-HCR 09 Datasheet
70Kb / 1P
Wire and Cable Markers
HCR 12 HELLERMANNTYTON-HCR 12 Datasheet
70Kb / 1P
Wire and Cable Markers
HCR 18 HELLERMANNTYTON-HCR 18 Datasheet
70Kb / 1P
Wire and Cable Markers
HCR 24 HELLERMANNTYTON-HCR 24 Datasheet
70Kb / 1P
Wire and Cable Markers
More results

Similar Description - HCRKINT

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
M2001 MPSIND-M2001 Datasheet
164Kb / 1P
MEDICAL GRADE POWER TRANSFORMER
logo
Dialight Corporation
HZD2C2NC DIALIGHT-HZD2C2NC Datasheet
135Kb / 2P
SafeSite짰 LED Area Light with Retrofit Adapter Kit
logo
Mean Well Enterprises C...
MSP-300 MEANWELL-MSP-300 Datasheet
142Kb / 4P
300W Single Output Medical Type
logo
TDK Electronics
CFE400M TDK-CFE400M Datasheet
594Kb / 2P
300W Convection / 400W Fan Cooled Medical Power Supplies
logo
Mean Well Enterprises C...
RPS-300 MEANWELL-RPS-300 Datasheet
1Mb / 2P
300W Single Output Medical Type
logo
List of Unclassifed Man...
SMX700HG ETC2-SMX700HG Datasheet
494Kb / 4P
SmartPro Medical Grade .7kVA 230V Line interactive Tower UPS, full isolation, USB & Serial ports
logo
Tumbler Technologies + ...
TMA165 TRUMPOWER-TMA165 Datasheet
97Kb / 1P
160-165W Medical Grade Power Adapters
logo
List of Unclassifed Man...
R1J-300I1H2A0 ETC2-R1J-300I1H2A0 Datasheet
734Kb / 12P
300W300W Redundant Power Supply
logo
Tumbler Technologies + ...
TMA300 TRUMPOWER-TMA300 Datasheet
183Kb / 1P
Medical and ITE Grade 300W AC/DC Power Adapters
logo
OSRAM GmbH
LEDCBCTRL1015W OSRAM-LEDCBCTRL1015W Datasheet
100Kb / 3P
Accessories kit for use with LED retrofit lamps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com