Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCRKINT Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # HCRKINT
Description  300W 230V Medical-Grade Mobile Power Retrofit Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

HCRKINT Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  HCRKINT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved HCRKINT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved HCRKINT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
90 amp-hour user-replaceable battery module (included) provides long-lasting mobile power.
Maintenance-free, spill-/leak-proof sealed lead-acid (SLA) AGM battery features simple, plug-in connection
with included cable
PowerAlert Data-Saving Software (included) automatically saves valuable patient data from loss or corruption
if the cart is left unattended and battery power is depleted. Included cable connects the Power Supply to any
cart-mounted computer (desktop or laptop)
Remote User Interface (RUI) displays output and battery charge status at a glance. Includes on/off and
alarm-mute switches. Mounts anywhere on the cart for easy access with included mounting material and cable
Mounting Hardware Kit retrofits most standard medical carts from AFC, Anthro, Datalux, GCX, Hergo, Jaco, Knurr, Stinger, Infologix and more
Specifications
OUTPUT
Frequency Compatibility
50 Hz
Output Receptacles
(1) C13
Output (Watts)
300
Continuous Output Capacity (Watts)
300
Peak Output Capacity (Watts)
750
Output Nominal Voltage
230V
Pure Sine Wave Output
No
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
15A, 230V
Input Connection Type
IEC-320-C14
Input Cord Length Details
8-in IEC-320-C14
Voltage Compatibility (VAC)
230
Voltage Compatibility (VDC)
12
BATTERY
DC System Voltage (VDC)
12
Full Load Runtime
Up to 12 hours typical runtime in standard configuration. Runtime varies depending on battery condition and load
Battery Charge
Equal to discharge time. Includes advanced 3-stage (10A) battery charger
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
On Remote User Interface (RUI): Output AC Power, Battery Charge Level and Battery Charging Status
Switches
On Remote User Interface (RUI): On/Off Switch and Alarm-Mute Switch
Audible Alarm
Low Battery Alarm
CD and USB cable
Remote User Interface (RUI) and
cabling
Mounting Hardware Kit and
owner's manual with warranty
information
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com