Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1048 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1048
Description  ST7 software LCD driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1048 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1048 Datasheet HTML 9Page - STMicroelectronics AN1048 Datasheet HTML 10Page - STMicroelectronics AN1048 Datasheet HTML 11Page - STMicroelectronics AN1048 Datasheet HTML 12Page - STMicroelectronics AN1048 Datasheet HTML 13Page - STMicroelectronics AN1048 Datasheet HTML 14Page - STMicroelectronics AN1048 Datasheet HTML 15Page - STMicroelectronics AN1048 Datasheet HTML 16Page - STMicroelectronics AN1048 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN1048
Example of a quadruplex LCD with ST72F321B
13/21
Active time starts after the Output Compare 1 interrupt and dead time starts after the Output
Compare 2 interrupt. A total of 16 interrupts are generated in each frame period with four
interrupts per control period. There are 2 Output Compare 1 events (OC1_1 and OC1_2)
and 2 Output Compare 2 events in each phase.These are explained as follows:
During OC1_1, VDD is applied to the segments which have to be turned ON and 0 for the
segments which have to be turned OFF. The COM line which corresponds to this phase is
set to low level. Other COM lines are set to level VDD/2.
During OC2, all segments and COM lines are inactive (set to low level) if we want to
decrease the Vrms (see Figure 9) and COM lines are set low, segments are set high if we
want to increase the Vrms (see Figure 10).
During OC1_2, Segment Lines are supplied with voltage levels which are inverted to the one
applied during OC1_1.COM line which corresponds to this phase is set to high level.Other
COM lines are set to level VDD/2.
Again during OC2, all segments and COM lines are inactive(set to low level) if we want to
decrease the Vrms and COM lines are set high, segments are set low if we want to increase
the Vrms (see Figure 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com