Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1048 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1048
Description  ST7 software LCD driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1048 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1048 Datasheet HTML 1Page - STMicroelectronics AN1048 Datasheet HTML 2Page - STMicroelectronics AN1048 Datasheet HTML 3Page - STMicroelectronics AN1048 Datasheet HTML 4Page - STMicroelectronics AN1048 Datasheet HTML 5Page - STMicroelectronics AN1048 Datasheet HTML 6Page - STMicroelectronics AN1048 Datasheet HTML 7Page - STMicroelectronics AN1048 Datasheet HTML 8Page - STMicroelectronics AN1048 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AN1048
LCD requirements
3/21
1
LCD requirements
With a low Root Mean Square (RMS i.e.:
) voltage applied to it, an LCD is
practically transparent. The LCD segment is inactive(OFF) if the RMS voltage is below the
LCD threshold voltage and is active(ON) if the LCD RMS voltage is above the threshold
voltage. The LCD threshold voltage depends on the quality of the liquid used in the LCD and
the temperature. The optical contrast is defined by the difference in transparency of a LCD
segment ON (dark) and a LCD segment OFF (transparent). The optical contrast depends on
the difference between the RMS voltage on an ON segment (VON) and the RMS voltage on
an OFF segment (VOFF). The higher the difference between VON(rms) and VOFF(rms), the
higher the optical contrast. The optical contrast also depends on the level of VON versus the
LCD threshold voltage. If VON is below or close to the threshold voltage, the LCD is
completely or almost transparent. If VOFF is close or above the threshold voltage, the LCD is
completely dark.
In this document, contrast is defined as D = VON(rms) / VOFF(rms).
The applied LCD voltage must alternate to give a zero DC value in order to ensure a long
LCD life time.
The higher the multiplexing rates, the lower the contrast. The signal period has also to be
short enough to avoid visible flickering on the display.
The LCD voltage for each segment is equal to the difference between the S and COM
voltages (see Figure 1).
Figure 1.
Equivalent Electrical Schematic of an LCD Segment
Note:
The DC Value should never be more than 100mV (refer to the LCD manufacturer’s
datasheet). Otherwise the life time can be shortened. The frequency range is 30 - 200Hz
typically. If it is less, it flickers; if it is more, the power consumption increases.
Mean Signal
2
()
C
Rs
S
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com