Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1048 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN1048
Description  ST7 software LCD driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1048 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN1048 Datasheet HTML 12Page - STMicroelectronics AN1048 Datasheet HTML 13Page - STMicroelectronics AN1048 Datasheet HTML 14Page - STMicroelectronics AN1048 Datasheet HTML 15Page - STMicroelectronics AN1048 Datasheet HTML 16Page - STMicroelectronics AN1048 Datasheet HTML 17Page - STMicroelectronics AN1048 Datasheet HTML 18Page - STMicroelectronics AN1048 Datasheet HTML 19Page - STMicroelectronics AN1048 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Software contrast control
AN1048
16/21
4
Software contrast control
The software contrast control is under pending patent from STMicroelectronics. The use of
this technique with a non-STMicroelectronics' Microcontroller has to be agreed by
STMicroelectronics.
The LCD contrast is controlled entirely by software without the use of any external
components. LCD contrast can be adjusted to the optimal value depending on the operating
voltage of the LCD used. The LCD contrast is controlled by varying the timing of dead phase
as shown in the LCD timing diagram.
Deadtime can be used to decrease as well as to increase the Vrms of the LCD. Deadtime is
the voltage compensation time to regulate rms voltage up and down. Dead time can be
implemented either after each control period or at the end of the frame. To avoid flickering,
the duration of the dead time must be adjusted depending on the quality of LCD and the
frequency of the frame.
In the example in Figure 9, the Rms value of the LCD decreases if the duration of dead time
is increased and Rms value increases if the duration of dead time decreases. In Figure 10,
this works the opposite way.
4.1
Contrast calculations
Let the frame period = T + xT
where T - Active Time, xT- Dead Time
x- Proportion of dead time, Vx - Voltage during the dead time
Vrms ON
()
1
TxT
+
-----------------
ft
()
2
t
d
0
TXT
+
()
∫
=
Vrms ON
()
1
TxT
+
-----------------
Vcc
()
2
tVcc
–
()
2
tVcc
() 2
⁄
()
2
tVx
2
() t8
⋅
d
0
xT
8
-------
∫
+
d
2T
8
-------
T
∫
+
d
T
8
---
2T
8
-------
∫
+
d
0
T
8
---
∫
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎛⎞
=
Vrms ON
()
1
TxT
+
-----------------
Vcc
()
2 T
8
---
Vcc
()
2 T
8
---
Vcc
()
2
4
------------------- 2T
8
-------
Vx
2 xT
8
-------
⋅
⎝⎠
⎛⎞
8
⋅
+
⋅
+
⋅
+
⋅
⎝⎠
⎜⎟
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com