Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1048D Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1048D
Description  ST7 software LCD driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1048D Datasheet(HTML) 1 Page - STMicroelectronics

  AN1048D Datasheet HTML 1Page - STMicroelectronics AN1048D Datasheet HTML 2Page - STMicroelectronics AN1048D Datasheet HTML 3Page - STMicroelectronics AN1048D Datasheet HTML 4Page - STMicroelectronics AN1048D Datasheet HTML 5Page - STMicroelectronics AN1048D Datasheet HTML 6Page - STMicroelectronics AN1048D Datasheet HTML 7Page - STMicroelectronics AN1048D Datasheet HTML 8Page - STMicroelectronics AN1048D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
May 2006
Rev 5
1/21
AN1048
Application note
ST7 software LCD driver
Introduction
This note describes a technique for driving Liquid Crystal Displays (LCD) with any standard
ST7 Microcontroller (MCU) i.e without any specific on-chip LCD driver hardware. This
technique offers a solution for applications which require a display at low cost together with
the versatile capabilities of the standard ST7 MCUs. This note also provides a technique to
control the LCD contrast through software.
After an introduction on LCDs in Section 1, Section 2 & 3 of this note describes the typical
waveforms required to drive an LCD with a multiplexing rate of 1 or 2 (duplex) and 4
(quadruplex). Section 3 presents a solution based on a standard ST7 MCU directly driving a
quadruplex LCD. This solution can be implemented with any ST7 MCU as it only requires
the standard I/O ports and one timer, both of which are standard features on all ST7 MCUs.
Section 4 describes how to control the contrast through software. Finally, Section 5 gives a
brief overview of the LCD demo board including the board schematics. The demo board,
based on a ST72F321B microcontroller, allows the user to develop and test applications
using an LCD device.
The program size (~300 bytes), the CPU load required for controlling the LCD (0.2%), and
the number of external components is kept to the minimum (two external resistors per COM
line). The number of I/O’s is the same as a solution using an on-chip LCD hardware driver or
an external hardware LCD driver. With software contrast control, it is a very flexible solution
that can be adapted easily to a range of applications.
www.st.com


Similar Part No. - AN1048D

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
AN104 SMSC-AN104 Datasheet
481Kb / 4P
AN104
logo
Microchip Technology
AN1040 MICROCHIP-AN1040 Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
logo
STMicroelectronics
AN1040 STMICROELECTRONICS-AN1040 Datasheet
33Kb / 4P
FOR USB SELF-POWERED DEVICES
16-Aug-1999
logo
ON Semiconductor
AN1042 ONSEMI-AN1042 Datasheet
96Kb / 12P
High Fidelity Switching Audio Amplifiers Using TMOS Power MOSFETs
August, 2002 ??Rev. 3
logo
STMicroelectronics
AN1042 STMICROELECTRONICS-AN1042 Datasheet
94Kb / 8P
ST7 ROUTINE FOR I2C SLAVE MODE MANAGEMENT
More results

Similar Description - AN1048D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1627 STMICROELECTRONICS-UM1627 Datasheet
955Kb / 38P
Standard software driver for C90LC Flash
17-Sep-2013
UM1634 STMICROELECTRONICS-UM1634 Datasheet
1Mb / 43P
Standard software driver for C90FL2 Flash
09-Apr-2014
UM0563 STMICROELECTRONICS-UM0563 Datasheet
536Kb / 46P
L9952GXP software driver user manual
22-Sep-2013
UM1620 STMICROELECTRONICS-UM1620 Datasheet
1,015Kb / 41P
Standard software driver for C90FL
18-Sep-2013
AN1105 STMICROELECTRONICS-AN1105 Datasheet
586Kb / 100P
ST7 pCAN PERIPHERAL DRIVER
Version 1.3
AN1447 STMICROELECTRONICS-AN1447 Datasheet
208Kb / 26P
SOFTWARE DRIVER FOR 4-MULTIPLEXED LCD WITH A STANDARD ST62
AN1711 STMICROELECTRONICS-AN1711 Datasheet
646Kb / 40P
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
Rev. 1.0
AN1713 STMICROELECTRONICS-AN1713 Datasheet
48Kb / 4P
SMBus SLAVE DRIVER FOR ST7 I2C PERIPHERAL
AN2687 STMICROELECTRONICS-AN2687 Datasheet
400Kb / 22P
STM8S20xxx LCD software driver
17-Apr-2009
logo
NXP Semiconductors
OL2385SWUG NXP-OL2385SWUG Datasheet
10Mb / 64P
SIGFOX software driver
Rev. 2.1-6 April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com