Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1048D Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1048D
Description  ST7 software LCD driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1048D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1048D Datasheet HTML 13Page - STMicroelectronics AN1048D Datasheet HTML 14Page - STMicroelectronics AN1048D Datasheet HTML 15Page - STMicroelectronics AN1048D Datasheet HTML 16Page - STMicroelectronics AN1048D Datasheet HTML 17Page - STMicroelectronics AN1048D Datasheet HTML 18Page - STMicroelectronics AN1048D Datasheet HTML 19Page - STMicroelectronics AN1048D Datasheet HTML 20Page - STMicroelectronics AN1048D Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AN1048
LCD demo board
19/21
5.2
Power supply
The LCD demo board should be supplied by a maximum DC voltage of 5V. The board is
provided with the connector JP1 for this board supply.
Note:
For the demo software loaded inside the micro, the board should be supplied with 5V. The
software attached to this application note displays the word “EMBEDDED” and tunes
automatically its contrast from transparent to dark with the ST software pattented method.
The Vrms increase is performed by putting the segment voltage once at Vdd, once at -Vdd
during the dead times, the Vrms decrease is performed by putting at 0 the segment voltage
during the same dead times. The voltage average is then kept. Refer to the software
attached to this application note for more details.
5.3
Programming
The demo board uses the ST72F321B microcontroller and can be programmed using the
ICC protocol. The board is provided with the ICC connnector JP2. By default, OSC_TYP is
programmed as a resonator oscillator in the option bytes. You can disable the option bytes
when you want to use the ICC clock to program the micro.
5.4
Reset
The device can be reset by pressing the switch s1 on the demo board.
5.5
Oscillation system
The demo board is mounted with a 16 MHz crystal with 8 MHz fcpu. You can change this
clock value but need to modify the timer setting inside the software accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com