Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1048D Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1048D
Description  ST7 software LCD driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1048D Datasheet(HTML) 4 Page - STMicroelectronics

  AN1048D Datasheet HTML 1Page - STMicroelectronics AN1048D Datasheet HTML 2Page - STMicroelectronics AN1048D Datasheet HTML 3Page - STMicroelectronics AN1048D Datasheet HTML 4Page - STMicroelectronics AN1048D Datasheet HTML 5Page - STMicroelectronics AN1048D Datasheet HTML 6Page - STMicroelectronics AN1048D Datasheet HTML 7Page - STMicroelectronics AN1048D Datasheet HTML 8Page - STMicroelectronics AN1048D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LCD drive signals
AN1048
4/21
2
LCD drive signals
2.1
Single backplane LCD drive
In a single backplane drive, each LCD segment is connected to a segment line(Sx) and to
one backplane(common line) common to all the segments. A display using S segments is
driven with S+1 MCU output lines. The backplane is driven with a “COM” signal controlled
between 0 and VDD with a duty cycle of 50%.
When switching a segment “ON”, a signal with opposite polarity to “COM” is sent to the
corresponding “Segment” pin. When the non-inverted signal “COM” is sent to the “Segment”
pin, the segment is “OFF”. Using an MCU, the I/O operates in output mode either at logic 0
or 1.
Figure 2.
LCD signals for direct drive
2.2
Duplexed LCD drive
In a duplexed drive, two backplanes are used instead of one. Each LCD segment line(Sx) is
connected to two LCD segments, each one connected on the other side to one of the two
backplanes or common lines(refer to Figure 3). Thus, only (S/2)+2 MCU pins are necessary
to drive an LCD with S segments.
Three different voltage levels have to be generated on the backplanes: 0, V
DD/2 and VDD. The
“Segment” voltage levels are 0 and VDD only. Figure 4 shows typical Backplane, Segment
and LCD waveforms. The intermediate voltage VDD/2 is only required for the Backplane
voltages. The ST7 I/O pins selected as “Backplanes” are set by software to output mode for
COM
S1=COM-S
-Vdd
+Vdd
S
S1=COM-S
S
O
F
F
O
N
+Vdd
+Vdd
+Vdd
+Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com