Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1224 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1224
Description  Evaluation board using SD57045 LDMOS RF transistor for FM broadcast application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1224 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1224 Datasheet HTML 2Page - STMicroelectronics AN1224 Datasheet HTML 3Page - STMicroelectronics AN1224 Datasheet HTML 4Page - STMicroelectronics AN1224 Datasheet HTML 5Page - STMicroelectronics AN1224 Datasheet HTML 6Page - STMicroelectronics AN1224 Datasheet HTML 7Page - STMicroelectronics AN1224 Datasheet HTML 8Page - STMicroelectronics AN1224 Datasheet HTML 9Page - STMicroelectronics AN1224 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN1224
Characterization results
7/10
Figure 4.
Drain current vs. gate-source voltage
Figure 5.
Gate-source voltage vs. case temperature
2.5
3
3.5
4
4.5
5
VGS, GATE-SOURCE VOLTAGE (VOLTS)
0
0.5
1
1.5
2
2.5
3
3.5
4
-25
0
25
50
75
Tcase, CASE TEMPERATURE (˚C)
0.96
0.98
1
1.02
1.04
Id=250mA
Id=1.5A
Id=2A
Id=3A
Id=1A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com