Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1224 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1224
Description  Evaluation board using SD57045 LDMOS RF transistor for FM broadcast application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1224 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1224 Datasheet HTML 1Page - STMicroelectronics AN1224 Datasheet HTML 2Page - STMicroelectronics AN1224 Datasheet HTML 3Page - STMicroelectronics AN1224 Datasheet HTML 4Page - STMicroelectronics AN1224 Datasheet HTML 5Page - STMicroelectronics AN1224 Datasheet HTML 6Page - STMicroelectronics AN1224 Datasheet HTML 7Page - STMicroelectronics AN1224 Datasheet HTML 8Page - STMicroelectronics AN1224 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Circuit design
AN1224
4/10
1
Circuit design
1.1
Description and consideration
Input and output impedances for the SD57045 are shown in Table 1 below:
With respect to these impedances, two 4:1 transmission line auto transformers were
designed using a 25
Ω, 1/8 wavelength, semi rigid coaxial cable. To achieve this
transformation across the band, a capacitor was added to the low impedance port of each
transformer to cancel the leakage inductance. The frequency response is shown in Figure 1.
Simple L-sections were utilized to make the final transformation from the low impedance
port of the transformers (12.5
Ω) to the measured impedances of the device (see Table 1).
This design uses printed series inductors on a 30 mil glass teflon board. The gain of any
power FET is extremely high from DC throughout the low HF frequency band. A feedback
network is necessary to suppress the low frequency gain, as well as give a nominal amount
of gain at the frequency of interest. This feedback also helps to increase the input
impedance. Since LDMOS has such a high gain at low frequencies, a low value, high power,
flange mount resistor must be comprised in the design. The capacitor in the feedback path
(C3) provides negative feedback at low frequencies. This component was designed to be
self-resonant. Far below the FM band, at 100 MHz, the capacitor looks slightly inductive,
reducing the amount of feedback in the band of interest.
Figure 1.
Broadband 4:1 transformer
Unbalanced transformers offer an efficient matching method from 50 W to low impedance.
Besides, auto transformers have a zero impedance point over a broad bandwidth, offering
an ideal DC feeding point to the gate and drain circuits. In order to prevent high frequency
oscillations, a bypass capacitor is used at the zero impedance point of the transformer. The
capacitor value must be selected so that its own resonant frequency is above the frequency
Table 1.
Input and output impedances
Frequency (MHz)
Z input
Z output
88
10.8-j7.60
7.5-j0.15
95
10.6-j8.36
7.8-j0.34
108
10.5-j9.87
8.1-j0.61
S11
0dB
-30dB
-60dB
80MHz
90MHz
100MHz
110MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com