Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1224 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1224
Description  Evaluation board using SD57045 LDMOS RF transistor for FM broadcast application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1224 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1224 Datasheet HTML 1Page - STMicroelectronics AN1224 Datasheet HTML 2Page - STMicroelectronics AN1224 Datasheet HTML 3Page - STMicroelectronics AN1224 Datasheet HTML 4Page - STMicroelectronics AN1224 Datasheet HTML 5Page - STMicroelectronics AN1224 Datasheet HTML 6Page - STMicroelectronics AN1224 Datasheet HTML 7Page - STMicroelectronics AN1224 Datasheet HTML 8Page - STMicroelectronics AN1224 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN1224
Circuit design
5/10
of interest. Depending on the application, additional low frequency bypass capacitors
isolated with lossy elements (ferrite beads) may be required to prevent power supply noise
affecting gate and drain circuits. Circuit schematic is given in Figure 2, and layout in Figure 3
with component values in Table 2.
Figure 2.
Broadband power amplifier
Table 2.
Bill of material
Reference
Description
L1, L3, L4, L7
50
Ω transmission line
C1,C13
1000 pF chip capacitor
C2
39000 pF chip capacitor
C3
36 pF chip capacitor
R1
1 k
Ω resistor
C4, C6, C10
10000 pF chip capacitor
R2
1.2 k
Ω resistor
C5, C12
10 µF, 50V electrolytic capacitor
R3
240
Ω / 40 W resistor
C9, C11
1200 pF chip capacitor
C8
33 pF chip capacitor
C7
25-115 pF variable cap-arco trimmer
L2, L6
4:1 transformers, 10.7", 25
Ω.
Board
30mils, 2 ounces of copper,
εr= 2.55



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com