Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2017 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2017
Description  DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2017 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2017 Datasheet HTML 2Page - STMicroelectronics AN2017 Datasheet HTML 3Page - STMicroelectronics AN2017 Datasheet HTML 4Page - STMicroelectronics AN2017 Datasheet HTML 5Page - STMicroelectronics AN2017 Datasheet HTML 6Page - STMicroelectronics AN2017 Datasheet HTML 7Page - STMicroelectronics AN2017 Datasheet HTML 8Page - STMicroelectronics AN2017 Datasheet HTML 9Page - STMicroelectronics AN2017 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
RESET pin connected externally form a voltage divider. Hence, this pull-down resistor should
be selected in such a way ensuring the voltage at the RESET pin is sufficiently low to reset the
microcontroller. Keeping this in mind the recommended value for this pull-down resistor is 10K
or lower, thus keeping the voltage at the RESET pin less than (1/3)*Vdd.
Figure 6. Waveform of Power-on-Reset with PNP Reset Circuit (Transistor biased with
Potential divider)
When you require more precision in terms of voltage threshold then you can replace resistor
R2 with a Zener diode. In this case the threshold of the circuit would be equal to the break-
down voltage of the Zener diode, VZ. Otherwise, the basic operation of this circuit is same as
above circuit.
Figure 7. Transistor based External Reset circuit with Zener diode to bias the transistor
RESET
R1= 33K, R2=150K
Threshold= 3.3V @Vbe = 0.6V
VDD
VDD
1K
R1
VZ
10K
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com