Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2017 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2017
Description  DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2017 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2017 Datasheet HTML 1Page - STMicroelectronics AN2017 Datasheet HTML 2Page - STMicroelectronics AN2017 Datasheet HTML 3Page - STMicroelectronics AN2017 Datasheet HTML 4Page - STMicroelectronics AN2017 Datasheet HTML 5Page - STMicroelectronics AN2017 Datasheet HTML 6Page - STMicroelectronics AN2017 Datasheet HTML 7Page - STMicroelectronics AN2017 Datasheet HTML 8Page - STMicroelectronics AN2017 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
1 INTERNAL LOW VOLTAGE DETECTOR (LVD) RESET
The LVD function continuously monitors the supply voltage and generates a reset when the
VDD is below:
– VIT+(LVD), Reset Release voltage when VDD is rising
– VIT-(LVD), Reset Generation voltage when VDD is falling
This means it secures power-up as well as power-down keeping ST7 in reset. The LVD func-
tion is illustrated in Figure 1.
The difference between VIT+(LVD) and VIT-(LVD) is called LVD hysteresis. The VIT-(LVD) refer-
ence value for a voltage drop is lower than the VIT+(LVD) reference value for power-on in order
to avoid parasitic reset when the MCU starts running and sinks current on supply.
Figure 1. LVD Vs Reset
The voltage threshold can be configured by option byte to be low, medium or high. The LVD
is an optional function which can be selected through option byte and it allows the device to be
used without any External Reset circuitry. During a LVD reset, the RESET pin is held low, thus
permitting the MCU to reset other devices.
After the device is powered on the supply voltage starts increasing. when the supply voltage
reaches around 1.1V, the internal pull-up on the RESET pin is enabled and the core is initial-
ized. After the VDD reaches 1.8V, the option bytes are enabled, LVD is enabled by the option
bytes (if selected) and the device is in Run mode. The reset will be released at the reset re-
lease threshold: high, medium or low depending upon the selection through option bytes.
VHysteresis
VIT+(LVD
VIT-(LVD)
RESET
VDD
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com