Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2017 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2017
Description  DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2017 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2017 Datasheet HTML 1Page - STMicroelectronics AN2017 Datasheet HTML 2Page - STMicroelectronics AN2017 Datasheet HTML 3Page - STMicroelectronics AN2017 Datasheet HTML 4Page - STMicroelectronics AN2017 Datasheet HTML 5Page - STMicroelectronics AN2017 Datasheet HTML 6Page - STMicroelectronics AN2017 Datasheet HTML 7Page - STMicroelectronics AN2017 Datasheet HTML 8Page - STMicroelectronics AN2017 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
DIFFERENT WAYS TO RESET ST7 MICROCONTROLLER
3 EXTERNAL RESET
A reset signal originating from an external source is one of the ways in which you can reset the
microcontroller. This signal must have a duration of at least the External reset pulse hold time,
th(RSTL)
1) in order to be recognized. This detection is asynchronous and therefore the MCU
can enter reset state even in Halt mode.
There are several reset implementation schemes to choose from based on your application-
specific parameters, such as power supply behaviour. Whatever the solution chosen, the idea
is to keep the RESET pin at a low logic level until the supply has reached a safe operating
voltage. Therefore you should design your external circuit in such a manner that there is
enough delay to keep the RESET pin below the VIL value.
3.1 RCD Circuit
This concept is the simplest, most cost-effective external reset solution where the supply
waveform is monotonous and the maximum rise time is known. The principle is to let the
RESET pin rises with the MCU supply voltage after a delay. The circuit is shown in Figure 2.
The basic solution is to use an RC delay determined by the rise rate of the supply itself. The
component values must be chosen to create enough delay to keep the RESET pin below the
VIL
2) specification until V
DD reaches a safe operating voltage. Normally, a delay (Time Con-
stant) corresponding to at least 30% of the total rise time is generally advised.
Figure 2. RCD Circuit
This scheme requires a certain delay between a power-down and next power-up, because the
delay generator has to be re initialized. In practice, a pull-down capacitor between RESET and
Gnd needs to be discharged. The diode between RESET and VDD is helpful, it quickly dis-
charges the capacitor when VDD falls. This helps ensure a proper RESET pin input on the sub-
sequent power-up, should it occur soon after the power down (the delay required is reduced).
The difference in the discharge time of the Capacitor with and without the diode is significant
from Figure 3.
1
For specific th(RSTL) values refer to the datasheet of the particular microcontroller
2
For specific VIL values refer the to datasheet of the particular microcontroller
C
RESET
D
VDD
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com