Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3531 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3531
Description  200mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology LTC3531 Datasheet HTML 10Page - Linear Technology LTC3531 Datasheet HTML 11Page - Linear Technology LTC3531 Datasheet HTML 12Page - Linear Technology LTC3531 Datasheet HTML 13Page - Linear Technology LTC3531 Datasheet HTML 14Page - Linear Technology LTC3531 Datasheet HTML 15Page - Linear Technology LTC3531 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
13
3531fb
5V/Li-Ion to 3.3V with ThinSOT (3.3V Version)
2 AA Alkaline to 3V with ThinSOT (3V Version)
TYPICAL APPLICATIO
SW1
SW2
SHDN
GND
VIN
VOUT
LTC3531-3.3
+
–
2.2
μF10μF
5V/Li-Ion
ON OFF
10
μH
VOUT
3.3V
160mA
VIN
3.1V TO
5V
3531 TA02a
LOAD CURRENT (mA)
75
85
95
70
80
90
0.1
10
100
1000
3531 TA02b
65
1
4.4VIN
5VIN
3.6VIN
3.1VIN
POWER LOSS AT 3.6VIN
0.1
10
1
100
SW1
SW2
SHDN
GND
VIN
VOUT
LTC3531-3
+
–
2.2
μF10μF
+
–
2 x AA
ALKALINE
ON OFF
10
μH
3531 TA03a
VOUT
3V
80mA
VIN
1.8V TO
3.2V
LOAD CURRENT (mA)
70
80
90
65
75
85
0.1
10
100
1000
3531 TA03b
60
1
2.5VIN
3.2VIN
POWER LOSS AT 3.2VIN
1.8VIN
0.1
10
1
100
SW1
SW2
SHDN
GND
VIN
VOUT
FB
LTC3531
2.2
μF
10
μF
R2
1M
R1
324k
4.7
μF
ON OFF
10
μH
3531 TA04a
1
Ω
VOUT
5V
200mA
USB
4.35V TO
5.25V
LOAD CURRENT (mA)
75
85
95
70
80
90
0.1
10
100
1000
3531 TA04b
65
0.1
10
1
100
1
EFFICIENCY
POWER LOSS
USB to 5V with 3 × 3 DFN (Adjustable Version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com