Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3531 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3531
Description  200mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 4 Page - Linear Technology

  LTC3531 Datasheet HTML 1Page - Linear Technology LTC3531 Datasheet HTML 2Page - Linear Technology LTC3531 Datasheet HTML 3Page - Linear Technology LTC3531 Datasheet HTML 4Page - Linear Technology LTC3531 Datasheet HTML 5Page - Linear Technology LTC3531 Datasheet HTML 6Page - Linear Technology LTC3531 Datasheet HTML 7Page - Linear Technology LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
4
3531fb
TA = 25°C unless otherwise specified.
TYPICAL PERFOR A CE CHARACTERISTICS
VIN (V)
1
10
1000
1.5
3.5
3
4.5
4
5.5
5
3531 G08
0.1
2.5
2
100
0.5mA
1mA
5mA
10mA
50mA
TEMPERATURE (
°C)
–40
3.250
3.275
3.300
3.325
3.350
–20
0
20
40
3531 G09
60
80
100
TEMPERATURE (
°C)
–40
400
500
600
700
800
1000
–20
020
40
3531 G10
60
80
100
900
D (PMOS)
A (PMOS)
B,C (NMOS)
TEMPERATURE (
°C)
–40
150
200
250
20
60
3531 G11
100
50
0
–20
0
40
300
350
400
80
100
TEMPERATURE (
°C)
–40
0.5
0.6
0.7
0.8
0.9
1
–20
020
40
3531 G12
60
80
100
L = 10
μH
COUT = 10μF
VIN = 5V
VOUT = 3.3V
IZERO
IPEAK
IVALLEY
2.5VIN
3.3VOUT
10
μH
SHUTDOWN
OPERATING
VIN (V)
1.5
10
12
16
18
20
30
24
2.5
3.5
4
3531 G07
14
26
28
22
23
4.5
5
5.5
VIN = 3.6V
ILOAD = 10mA
Start-Up into Resistive Load
L = 10μH
Burst Frequency vs Load
(3.3V Version)
VOUT Regulation vs Temperature
(3.3V Version)
Switch On Resistances
IPEAK, IVALLEY vs Temperature
SHDN Pin Threshold and
Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com