Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3531 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3531
Description  200mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3531 Datasheet HTML 2Page - Linear Technology LTC3531 Datasheet HTML 3Page - Linear Technology LTC3531 Datasheet HTML 4Page - Linear Technology LTC3531 Datasheet HTML 5Page - Linear Technology LTC3531 Datasheet HTML 6Page - Linear Technology LTC3531 Datasheet HTML 7Page - Linear Technology LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology LTC3531 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
6
3531fb
TA = 25°C unless otherwise specified.
TYPICAL PERFOR A CE CHARACTERISTICS
Boost Mode Waveforms at
2.5VIN, 3.3VOUT 100mA
Boost Mode Waveforms at
2.5VIN, 3.3VOUT 20mA
Shorted Output
Start-Up into 50mA Load at
3.3 VOUT (Shows Start, Buck,
Then 4sw Modes)
3.6VIN, 3.3VOUT Load Step
200mA to 80mA
SW1 and SW2 Close-Up in Four
Switch Mode
3531 G22
3531 G23
3531 G24
3531 G19
3531 G20
3531 G21
VOUT
1V/DIV
IL
200mA/DIV
SW1
2V/DIV
IL
200mA/DIV
SW2
2V/DIV
20mA LOAD
100mA LOAD
20mA LOAD
SW1
5V/DIV
SW2
5V/DIV
VOUT (AC)
50mV/DIV
IL
200mA/DIV
L = 10μH
COUT = 22μF
SW1
5V/DIV
SW2
5V/DIV
VOUT (AC)
50mV/DIV
IL
200mA/DIV
SW1
5V/DIV
SW2
5V/DIV
VOUT (AC)
50mV/DIV
IL
200mA/DIV
L = 10μH
COUT = 22μF
L = 10μH
COUT = 22μF
VIN = 5
VOUT (AC)
20mV/DIV
5μs/DIV
5μs/DIV
1μs/DIV
25μs/DIV
25μs/DIV
200ns/DIV
200mA/DIV
COUT = 22μF
VIN = 3.6V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com