Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4255 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with IC Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 2 Page - Linear Technology

  LTC4255 Datasheet HTML 1Page - Linear Technology LTC4255 Datasheet HTML 2Page - Linear Technology LTC4255 Datasheet HTML 3Page - Linear Technology LTC4255 Datasheet HTML 4Page - Linear Technology LTC4255 Datasheet HTML 5Page - Linear Technology LTC4255 Datasheet HTML 6Page - Linear Technology LTC4255 Datasheet HTML 7Page - Linear Technology LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4255
2
4255f
Supply Voltages
VCC to DGND ....................................................... 18V
VEE to AGND ...................................................... –80V
DGND to AGND ...................................................
±5V
Digital Pin Voltages
SCL, SDA, FAULT ........................ DGND – 0.3V to 6V
AD0-4 ....................................... DGND – 0.3V to 5.5V
Relay Driver Output Voltage
RELAY1-4 (Note 5) ...... DGND –0.3V to DGND + 15V
Analog Voltages
SENSE1-4 ............................... VEE – 0.3V to VEE + 1V
OUT1-4 .................................. VEE – 80V to VEE + 80V
Operating Temperature Range
LTC4255C ............................................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 90°C/W
LTC4255CG
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, VEE = –48V, AGND = DGND = 0V (Note 2)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OUT1
GATE1
SENSE1
OUT2
GATE2
SENSE2
VEE
OUT3
GATE3
SENSE3
OUT4
GATE4
SENSE4
AGND
FAULT
SCL
SDA
AD4
AD3
AD2
AD1
AD0
RELAY1
RELAY2
RELAY3
RELAY4
DGND
VCC
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
VCC
Positive Supply Voltage
VCC Referenced to DGND
10.8
12
13.2
V
ICC
Positive Supply Current
Relays Off
2.1
3
mA
All Relays On
10
15
mA
VEE
Negative Supply Voltage
VEE Referenced to AGND
–48
–72
V
IEE
Negative Supply Current
–1.9
–3
mA
∆VGND
DC Ground Difference
AGND – DGND (Note 3)
–5
5
V
VLKO
VEE Undervoltage Lockout
–27
V
∆VGATE
External Gate Voltage (VGATE – VEE)IGATE = –1µA
101315
V
IGATE
GATE Pin Output Current
GATE On, VGATE = VEE
–30
–50
–70
µA
GATE Off, VGATE = VEE + 5V
30
50
80
µA
VSC
Short-Circuit Sense Voltage
(VSENSE – VEE), VOUT – VEE = 0V
q
125
150
170
mV
VOC
Open-Circuit Sense Voltage
(VSENSE – VEE)
q
1
3
4.5
mV
VPG
Power_OK Threshold Voltage
(VOUT – VEE)
q
123
V
IOUT
OUT Pin Current
VOUT = VEE
–1.4
µA
VOLR
Relay Driver Output Low Voltage
(VRELAY – DGND), IRELAY = 50mA, RELAY On
0.3
V
VCLAMPR
Relay Driver Clamp Voltage
(VRELAY – DGND), IRELAY = 50mA,
18
24
V
RELAY Off (Note 5)
VOLD
Digital Output Low Voltage
SDA, FAULT, I = 3mA
q
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com