Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4255 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with IC Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 1 Page - Linear Technology

  LTC4255 Datasheet HTML 1Page - Linear Technology LTC4255 Datasheet HTML 2Page - Linear Technology LTC4255 Datasheet HTML 3Page - Linear Technology LTC4255 Datasheet HTML 4Page - Linear Technology LTC4255 Datasheet HTML 5Page - Linear Technology LTC4255 Datasheet HTML 6Page - Linear Technology LTC4255 Datasheet HTML 7Page - Linear Technology LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4255
1
4255f
s
Controls Four Independent –48V Power Channels
s
Each Channel has Separate Relay Drivers, ON/OFF
Control, Short-Circuit Protection with Current
Foldback, Open-Circuit Detection, and Power Good
Indication
s
Programmed via I2C
TM Compatible Interface
s
Five Bit Programmable Digital Address Allows
Control of up to 32 LTC4255s (128 Channels)
s
Interrupt on FAULT Output can be used to Eliminate
Software Polling
s
Programmable Current Limit and Open-Circuit
Duration Periods
s
Programmable Latchoff or Autoretry after Short-
Circuit Faults
s
Programmable Autoretry Duty Cycle
Quad Network Power
Controller with I2C Compatible Interface
The LTC
®4255 is a quad –48V network power controller
with independent relay drivers and I2C compatible inter-
face. Each channel can be turned on and off via software
control, while providing short-circuit protection, open-
circuit detection, and power good indication. The short-
circuit protection includes a current foldback feature to
reduce power dissipation in the switch during shorts and
start-up.
The serial interface allows up to 128 channels to be
controlled with only two digital lines. A FAULT output can
be used as an interrupt line to eliminate fault detection by
software polling.
External switches and current sense resistors allow easy
scaling of current and power dissipation levels and pro-
vide the maximum protection against voltage and current
spikes.
The LTC4255 is available in the 28-pin SSOP package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
RS1
0.33
Ω
RS2
0.33
Ω
RS3
0.33
Ω
RS4
0.33
Ω
Q1
Q2
Q3
Q4
12V
0.1
µF
–48V
4255 TA01
100k
100k
100k
100k
SCL
SDA
FAULT
AD0
AD1
AD2
AD3
AD4
DGND AGND
VEE
SENSE1 GATE1
OUT1 SENSE2 GATE2
OUT2 SENSE3 GATE3
OUT3 SENSE4 GATE4 OUT4
RELAY1
RELAY2
RELAY3
RELAY4
LTC4255
VCC
0.1
µF
Q1, Q2, Q3, Q4: FDC3612
RELAYS: V23079 SERIES
s
IP Phone Systems
s
DTE Power Distribution
I2C is a trademark of Philips Electronics N.V.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC4255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4255 LINER-LTC4255 Datasheet
216Kb / 16P
Quad Network Power Controller with I2C Compatible Interface
LTC4255CG LINER-LTC4255CG Datasheet
216Kb / 16P
Quad Network Power Controller with I2C Compatible Interface
More results

Similar Description - LTC4255

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
Serial Network Interface Controller
DP8390D NSC-DP8390D Datasheet
689Kb / 56P
NIC Network Interface Controller
logo
Maxim Integrated Produc...
MAX5945 MAXIM-MAX5945 Datasheet
572Kb / 44P
Quad Network Power Controller for Power-Over-LAN
Rev 1; 9/05
logo
Linear Technology
LTC4255 LINER-LTC4255 Datasheet
216Kb / 16P
Quad Network Power Controller with I2C Compatible Interface
logo
fujitsu semiconductor
MB86960 FUJITSU-MB86960 Datasheet
461Kb / 65P
NETWORK INTERFACE CONTROLLER with ENCODER/DECODER (NICE)
logo
List of Unclassifed Man...
SSC-P300 ETC2-SSC-P300 Datasheet
69Kb / 2P
PL Network Interface Controller IC, CEBus Compliant
logo
Intersil Corporation
ISL80083 INTERSIL-ISL80083 Datasheet
1Mb / 21P
2.5MHz Integrated Power Management IC with I2C Compatible Interface
May 15, 2013
logo
Texas Instruments
DP8390D TI1-DP8390D Datasheet
943Kb / 58P
NIC Network Interface Controller
logo
Maxim Integrated Produc...
MAX5935 MAXIM-MAX5935 Datasheet
706Kb / 10P
Quad Network Power Controller for Power-Over-LAN
19-3412; Rev 3; 5/07
logo
Renesas Technology Corp
ISL80083 RENESAS-ISL80083 Datasheet
1Mb / 21P
2.5MHz Integrated Power Management IC with I2C Compatible Interface
May 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com