Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4255 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with IC Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 4 Page - Linear Technology

  LTC4255 Datasheet HTML 1Page - Linear Technology LTC4255 Datasheet HTML 2Page - Linear Technology LTC4255 Datasheet HTML 3Page - Linear Technology LTC4255 Datasheet HTML 4Page - Linear Technology LTC4255 Datasheet HTML 5Page - Linear Technology LTC4255 Datasheet HTML 6Page - Linear Technology LTC4255 Datasheet HTML 7Page - Linear Technology LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4255
4
4255f
TYPICAL PERFOR A CE CHARACTERISTICS
ICC vs VCC (Relays Off)
VCC (V)
10.8
1.280
1.270
1.290
12.8
4255 G01
1.260
1.250
1.240
11.3
11.8
12.3
13.3
TA = 25°C
ICC vs VCC (Relays On)
VCC (V)
10.8
8.6
8.8
9.0
9.2
9.4
9.6
9.8
11.3
11.8
12.3
12.8
4255 G02
13.3
TA = 25°C
TEMPERATURE (
°C)
–50
1.28
1.30
1.32
75
50
4255 G03
1.26
1.24
25
0
–25
100
1.22
1.20
1.34
VCC = 12V
ICC vs Temperature (Relays Off)
ICC vs Temperature (Relays On)
IEE vs VEE
IEE vs Temperature
TEMPERATURE (
°C)
–50
9.2
9.3
9.4
75
50
4255 G04
9.1
9.0
25
0
–25
100
8.9
8.8
9.6
9.5
VCC = 12V
VEE (V)
–2.0
–1.6
–1.2
–0.8
–0.4
0
–80
–60
–40
4255 G05
–20
0
TA = 25°C
TEMPERATURE (
°C)
–50
–1.98
–1.96
–1.94
–1.92
–1.90
–1.88
–25
025
50
4255 G06
75
100
VEE = –48V
VSC vs VOUT
VSC vs Temperature
VOC vs Temperature
VOUT (V)
–50
60
80
100
–30
–10
4255 G07
40
20
0
–40
–20
120
140
160
0
TA = 25°C
TEMPERATURE (
°C)
–50
135
140
145
150
155
165
–25
025
50
4255 G08
75
100
160
VOUT = VEE
TEMPERATURE (
°C)
–50
2.90
3.00
3.10
–25
0
25
50
4255 G09
75
3.20
2.95
3.05
3.15
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com