Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4412HV Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4412HV
Description  36V, Low Loss PowerPath Controller in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4412HV Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4412HV Datasheet HTML 4Page - Linear Technology LTC4412HV Datasheet HTML 5Page - Linear Technology LTC4412HV Datasheet HTML 6Page - Linear Technology LTC4412HV Datasheet HTML 7Page - Linear Technology LTC4412HV Datasheet HTML 8Page - Linear Technology LTC4412HV Datasheet HTML 9Page - Linear Technology LTC4412HV Datasheet HTML 10Page - Linear Technology LTC4412HV Datasheet HTML 11Page - Linear Technology LTC4412HV Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC4412HV
sn4412hv 4412hvfs
VIN and SENSE Pin Usage
Since the analog controller’s thresholds are small (
±20mV),
the VIN and SENSE pin connections should be made in a
way to avoid unwanted I • R drops in the power path. Both
pins are protected from negative voltages.
GATE Pin Usage
The GATE pin controls the external P-channel MOSFET
connected between the VIN and SENSE pins when the load
current is supplied by the power source at VIN. In this
mode of operation, the internal current source, which is
responsible for pulling the GATE pin up, is limited to a few
microamps (IG(SRC)). If external opposing leakage cur-
rents exceed this, the GATE pin voltage will reach the
clamp voltage (VGON) and VDS will be smaller. The internal
current sink, which is responsible for pulling the GATE pin
down, has a higher current capability (IG(SNK)). With an
auxiliary supply input pulling up on the SENSE pin and
exceeding the VIN pin voltage by 20mV (VRTO), the device
enters the reverse turn-off mode and a much stronger
current source is available to oppose external leakage
currents and turn off the MOSFET (VGOFF).
While in forward regulation, if the on resistance of the
MOSFET is too high to maintain forward regulation, the
GATE pin will maximize the MOSFET’s VGS to that of the
clamp voltage (VGON). The clamping action takes place
between the higher of VIN or VSENSE and the GATE pin.
Status Pin Usage
During normal operation, the open-drain STAT pin can be
biased at any voltage between ground and 36V regardless
of the supply voltage to the LTC4412HV. It is usually
connected to a resistor whose other end connects to a
voltage source. In the forward regulation mode, the STAT
pin will be open (IS(OFF)). When a wall adaptor input or
other auxiliary supply is connected to that input, and the
voltage on SENSE is higher than VIN + 20mV (VRTO), the
system is in the reverse turn-off mode. During this mode
of operation the STAT pin will sink 10
µA of current
(IS(SNK)). This will result in a voltage change across the
resistor, depending on the resistance, which is useful to
turn on an auxiliary P-channel MOSFET or signal to a
microcontroller that an auxiliary power source is con-
nected. External leakage currents, if significant, should be
accounted for when determining the voltage across the
resistor when the STAT pin is either on or off.
Control Pin Usage
This is a digital control input pin with low threshold
voltages (VIL,VIH) for use with logic powered from as little
as 1V. During normal operation, the CTL pin can be biased
at any voltage between ground and 36V, regardless of the
supply voltage to the LTC4412HV. A logical high input on
this pin forces the gate to source voltage of the primary
P-channel MOSFET power switch to a small voltage (VGOFF).
This will turn the MOSFET off and no current will flow from
the primary power input at VIN if the MOSFET is configured
so that the drain to source diode is not forward biased. The
high input also forces the STAT pin to sink 10
µA of current
(IS(SNK)). See the Typical Applications for various ex-
amples on using the STAT pin. A 3.5
µA internal pull-down
current (ICTL) on the CTL pin will insure a logical low level
input if the pin should be open.
Protection
Most of the application circuits shown provide some
protection against supply faults such as shorted, low or
reversed supply inputs. The fault protection does not
protect shorted supplies but can isolate other supplies and
the load from faults. A necessary condition of this protec-
tion is for all components to have sufficient breakdown
voltages. In some cases, if protection of the auxiliary input
(sometimes referred to as the wall adapter input) is not
required, then the series diode or MOSFET may be elimi-
nated.
Internal protection for the LTC4412HV is provided to
prevent damaging pin currents and excessive internal self
heating during a fault condition. These fault conditions can
be a result of any LTC4412HV pins shorted to ground or to
a power source that is within the pin’s absolute maximum
voltage limits. Both the VIN and SENSE pins are capable of
being taken significantly below ground without current
drain or damage to the IC (see Absolute Maximum Voltage
Limits). This feature allows for reverse-battery condition
without current drain or damage. This internal protection
is not designed to prevent overcurrent or overheating of
external components.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com