Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4412HV Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4412HV
Description  36V, Low Loss PowerPath Controller in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4412HV Datasheet(HTML) 1 Page - Linear Technology

  LTC4412HV Datasheet HTML 1Page - Linear Technology LTC4412HV Datasheet HTML 2Page - Linear Technology LTC4412HV Datasheet HTML 3Page - Linear Technology LTC4412HV Datasheet HTML 4Page - Linear Technology LTC4412HV Datasheet HTML 5Page - Linear Technology LTC4412HV Datasheet HTML 6Page - Linear Technology LTC4412HV Datasheet HTML 7Page - Linear Technology LTC4412HV Datasheet HTML 8Page - Linear Technology LTC4412HV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4412HV
sn4412hv 4412hvfs
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
36V, Low Loss PowerPath
TM
Controller in ThinSOT
s
Very Low Loss Replacement for Power Supply
OR’ing Diodes
s
3V to 36V AC/DC Adapter Voltage Range
s
–40
°C to 125°C Operating Temperature Range
s
Minimal External Components
s
Automatic Switching Between DC Sources
s
Simplifies Load Sharing with Multiple Batteries
s
Low Quiescent Current: 11
µA
s
2.5V to 36V Battery Voltage Range
s
Reverse Battery Protection
s
Drives Almost Any Size MOSFET for Wide Range of
Current Requirements
s
MOSFET Gate Protection Clamp
s
Manual Control Input
s
Low Profile (1mm) SOT-23 (ThinSOT
TM) Package
s
Industrial and Automotive Applications
s
Notebook and Handheld Computers
s
USB-Powered Peripherals
s
Uninterruptable Power Supplies
s
Logic Controlled Power Switch
The LTC
®4412HV controls an external P-channel MOSFET
to create a near ideal diode function for power switchover
or load sharing. This permits highly efficient OR’ing of mul-
tiple power sources for extended battery life and low self-
heating. When conducting, the voltage drop across the
MOSFET is typically 20mV. For applications with a wall
adapter or other auxiliary power source, the load is auto-
matically disconnected from the battery when the auxiliary
source is connected. Two or more LTC4412HVs may be in-
terconnected to allow load sharing between multiple bat-
teries or charging of multiple batteries from a single charger.
The LTC4412HV is an extended supply and temperature
range version of the LTC4412.
The wide supply operating range supports operation from
one to eight Li-Ion cells in series. The low quiescent
current (11
µA typical) is independent of the load current.
The gate driver includes an internal voltage clamp for
MOSFET protection.
The STAT pin can be used to enable an auxiliary P-channel
MOSFET power switch when an auxiliary supply is
detected. This pin may also be used to indicate to a micro-
controller that an auxiliary supply is connected. The con-
trol (CTL) input enables the user to force the primary
MOSFET off and the STAT pin low.
The LTC4412HV is available in a low profile (1mm) SOT-23
package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
PowerPath and ThinSOT are trademarks of Linear Technology Corporation.
VIN
GND
CTL
SENSE
GATE
STAT
1
2
3
6
5
4
LTC4412HV
COUT
TO LOAD
STATUS OUTPUT
LOW WHEN WALL
ADAPTER PRESENT
470k
4412HV F01
VCC
1N5819
FDN306P
BATTERY
CELL(S)
WALL
ADAPTER
INPUT
Figure 1. Automatic Switchover of Load Between a Battery and a Wall Adapter
FORWARD VOLTAGE (V)
0.02
0
1
CONSTANT
RON
4412HV F01b
0.5
CONSTANT
VOLTAGE
SCHOTTKY
DIODE
LTC4412HV
LTC4412HV vs Schottky Diode Forward Voltage Drop


Similar Part No. - LTC4412HV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4412HV LINER-LTC4412HV Datasheet
193Kb / 16P
Push Button On/Off Controller
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
36V, Low Loss PowerPathTM Controller in ThinSOT
LTC4412HV LINER-LTC4412HV Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4412HVIS6 LINER-LTC4412HVIS6 Datasheet
177Kb / 12P
36V, Low Loss PowerPathTM Controller in ThinSOT
More results

Similar Description - LTC4412HV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4412 LINER-LTC4412 Datasheet
156Kb / 12P
Low Loss PowerPathTM Controller in ThinSOT
LTC4411 LINER-LTC4411 Datasheet
212Kb / 8P
2.6A Low Loss Ideal Diode in ThinSOT
LTC4416 LINER-LTC4416 Datasheet
209Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
36V, Low Loss PowerPathTM Controller in ThinSOT
LTC4416EMS LINER-LTC4416EMS Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4411 LINER-LTC4411_15 Datasheet
157Kb / 8P
2.6A Low Loss Ideal Diode in ThinSOT
LTC4416 LINER-LTC4416_15 Datasheet
256Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416-1 LINER-LTC4416-1_15 Datasheet
256Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4414 LINER-LTC4414_15 Datasheet
175Kb / 12P
36V, Low Loss PowerPath Controller for Large PFETs
LTC4412 LINER-LTC4412_15 Datasheet
405Kb / 14P
Low Loss PowerPath Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com